0603CS-R15XGRW
AI

The part number **0603CS-R15XGRW** refers to a high-frequency, wirewound surface-mount (SMD) inductor typically manufactured by **Coilcraft**. These components are specifically engineered for RF (Radio Frequency) applications where high precision and low loss are critical.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **0603** | Case Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) |
| **CS** | Series Type | Ceramic core, wirewound chip inductor |
| **R15** | Inductance Value | 150 nH (R denotes decimal point in $\mu$H) |
| **X** | Tolerance | $\pm$5% (Standard for this series) |
| **G** | Termination | Gold over nickel (Standard for high reliability) |
| **R** | Packaging | 7" reel (Standard tape and reel) |
| **W** | Environmental | RoHS compliant / Halogen free |
---
### 2. Key Electrical Specifications
Based on the datasheet for the 0603CS series, here are the technical parameters for the **R15 (150 nH)** variant:
* **Inductance:** 150 nH @ 100 MHz
* **Quality Factor (Q min):** 28 @ 100 MHz (typically higher at peak frequencies)
* **Self-Resonant Frequency (SRF):** 1150 MHz (min)
* **DCR (Direct Current Resistance):** 0.920 Ohms (max)
* **Idc (Rated Current):** 280 mA (max)
---
### 3. Physical Construction
The **Ceramic Core Wirewound** architecture provides several advantages over multilayer or ferrite inductors:
1. **Higher Q Factors:** The wirewound design minimizes resistive losses, making it ideal for filter and matching circuits.
2. **Stability:** The ceramic core ensures exceptional thermal stability and a high SRF.
3. **Tight Tolerances:** These parts are often used in tuning circuits where precise inductance is required.
---
### 4. Common Applications
This specific inductor is found in high-frequency communication hardware, including:
* **RF Impedance Matching:** Matching antennas to power amplifiers.
* **Filter Circuits:** Used in Low Pass (LPF) or Band Pass Filters (BPF).
* **Oscillators:** Establishing the resonance in VCO (Voltage Controlled Oscillator) circuits.
* **Bluetooth/WLAN Modules:** Handling signal processing in the 2.4 GHz spectrum (though careful attention to SRF is needed at those speeds).
---
- ⤷What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the Self-Resonant Frequency (SRF) affect circuit design?
- ⤷ Can I substitute a 0603CS with a multilayer inductor of the same value?