0603CS-R15XJRU
AI

The part number **0603CS-R15XJRU** identifies a specific high-frequency surface-mount (SMD) inductor. This component is widely used in RF (Radio Frequency) circuits due to its ceramic core and wire-wound construction.
---
### 1. Component Breakdown
The part number follows a standard coding convention (typically associated with manufacturers like **Coilcraft**).
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **0603** | Case Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) |
| **CS** | Series Type | Ceramic Core / Wire-wound |
| **R15** | Inductance Value | 150 nH (Nanohenries) |
| **X** | Tolerance | ±5% (standard J-tolerance) |
| **J** | Termination | Gold over Nickel / Silver over Nickel |
| **R** | Packaging | Tape and Reel |
| **U** | Testing/Special | Standard screening |
---
### 2. Technical Specifications
This inductor is designed for performance in the VHF and UHF frequency ranges.
* **Inductance:** 150 nH
* **Tolerance:** ±5%
* **Quality Factor (Q):** Typically high (approx. 32 at 150 MHz) to minimize signal loss.
* **Self-Resonant Frequency (SRF):** Typically around 920 MHz. (Crucial for ensuring the part behaves as an inductor, not a capacitor).
* **DC Resistance (DCR):** Max ~0.92 Ohms.
* **Current Rating (Irms):** Maximum 280 mA.
---
### 3. Key Electronic Characteristics
* **Ceramic Core:** Unlike ferrite cores, ceramic cores provide no magnetic flux enhancement. This results in lower inductance values but offers **exceptional frequency stability** and high SRF.
* **Wire-wound Construction:** The copper wire is wound around the ceramic body, which provides much higher **Q factors** and higher current handling compared to multilayer chip inductors of the same size.
* **Impedance Matching:** Often used in the matching networks of power amplifiers or antennas to ensure maximum power transfer.
---
### 4. Typical Applications
These parts are found in sensitive communication equipment:
1. **Mobile Phones:** RF front-end modules.
2. **Wi-Fi/Bluetooth:** Filtering and resonance in wireless transceivers.
3. **Broadband Modems:** High-frequency signal processing.
4. **Oscillators:** Determining the frequency in LC tank circuits.
- ⤷
What is the difference between this ceramic core inductor and a ferrite core inductor of the same size?
- ⤷ How does the Self-Resonant Frequency (SRF) affect my circuit design?
- ⤷ Can this inductor be used in high-power applications exceeding 500mA?