0603CS-R20XGRY
AI

The **0603CS-R20XGRY** is a specific part number for a surface-mount wire-wound chip inductor, manufactured by **Coilcraft**. This component is widely used in high-frequency RF (Radio Frequency) circuits.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's exact specifications:
| Segment | Meaning | Value |
| :--- | :--- | :--- |
| **0603** | Case Size | 0603 (1.6 x 0.8 mm / 0.06 x 0.03 in) |
| **CS** | Series Type | Ceramic core, wire-wound inductor |
| **R20** | Inductance Value | 200 nH (R denotes the decimal point) |
| **X** | Tolerance | ±5% (Standard for this series) |
| **G** | Termination | Gold over nickel over moly-manganese |
| **RY** | Packaging | 7" Tape and Reel / RoHS compliant |
---
### 2. Technical Specifications
The "CS" series from Coilcraft is known for its high Q-factors and excellent current handling.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 200 nH @ 100 MHz |
| **Tolerance** | ±5% |
| **Quality Factor (Q)** | 50 (min) @ 500 MHz |
| **DC Resistance (DCR)** | 1.15 Ohms (Max) |
| **Self-Resonant Frequency (SRF)** | 1200 MHz (Typ) |
| **Maximum DC Current (Irms)** | 330 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Key Features and Materials
* **Ceramic Core:** Unlike ferrite cores, the ceramic core provides exceptional thermal stability and a high self-resonant frequency, though with lower inductance values.
* **Wire-Wound Construction:** This design offers significantly lower DC resistance and higher Q-factors compared to multilayer or thick-film inductors of the same size.
* **Gold Termination (G):** The gold finish is ideal for specialized soldering processes or wire bonding, providing excellent conductivity and oxidation resistance.
---
### 4. Common Applications
Due to its high frequency of operation and precision, this part is typically found in:
1. **RF Filter Circuits:** Used in band-pass or low-pass filters for wireless communication.
2. **Impedance Matching:** Tuning antennas in cellular phones, Wi-Fi modules, and Bluetooth devices.
3. **VCOs:** Voltage-controlled oscillators where frequency stability is critical.
4. **Power Amplifiers:** Providing high-frequency decoupling and bias-tee functions.
- ⤷
What are the main differences between a ceramic core and a ferrite core inductor?
- ⤷ How does the Q-factor impact the performance of an RF circuit?
- ⤷ Are there alternative termination types for the 0603CS series if gold is not required?