0603CS-R27XJRW
AI

The part number **0603CS-R27XJRW** refers to a high-frequency, wirewound surface-mount (SMD) inductor, typically manufactured by **Coilcraft**.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific characteristics of the component:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **0603** | Case Size | Imperial size (approx. 1.6 x 0.8 mm) |
| **CS** | Series Type | Ceramic core, wirewound inductor series |
| **R27** | Inductance Value | R represents decimal point: **270 nH** (0.27 µH) |
| **X** | Termination | Standard (usually Silver-palladium-platinum-glass frit) |
| **J** | Tolerance | **±5%** |
| **R** | Packaging | 7″ machine-ready reel (plastic tape) |
| **W** | Environmental | RoHS compliant / Lead-free |
---
### 2. Technical Specifications
These inductors are designed for RF (Radio Frequency) applications where high precision and low loss are required.
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 270 nH @ 100 MHz |
| **Q Factor (min)** | 33 @ 100 MHz |
| **SRF (Self-Resonant Freq)** | 1100 MHz (Typical) |
| **DCR (Max DC Resistance)** | 1.00 Ohms |
| **Irms (Max Current)** | 350 mA |
| **Operating Temp** | -40°C to +125°C |
---
### 3. Key Features and Construction
* **Wirewound Technology:** Unlike multilayer inductors, the wirewound construction allows for much higher **Q factors** (quality factor) and higher current carrying capacity.
* **Ceramic Core:** The non-magnetic core provides exceptional thermal stability and high SRF, making it ideal for high-frequency tuning.
* **Miniature Footprint:** The 0603 package is a standard in mobile and compact electronics.
---
### 4. Common Applications
Due to its high resonance and stability, the 0603CS-R27XJRW is commonly used in:
* **RF Impedance Matching:** Used in the signal path between an antenna and a transceiver.
* **Filter Circuits:** Low-pass, high-pass, and band-pass filters for wireless communication.
* **Bluetooth/Wi-Fi Modules:** Frequency tuning and noise suppression in GHz range devices.
* **Oscillators:** Stability in Voltage Controlled Oscillators (VCOs).
- ⤷
What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the Q factor affect RF circuit performance?
- ⤷ Can this inductor be used in high-power power supply applications?