Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 0603CS-R33XGRU

  • AI
    The **0603CS-R33XGRU** is a high-frequency, wire-wound surface-mount (SMD) inductor manufactured by **Coilcraft**. It belongs to the 0603CS series, which is widely used in RF (Radio Frequency) applications due to its high Q-factor and stability. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's exact specifications: | Code Segment | Meaning | Value / Description | | :--- | :--- | :--- | | **0603** | Package Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) | | **CS** | Series Type | Ceramic chip inductor (Wire-wound) | | **R33** | Inductance Value | 0.33 µH (330 nH) | | **X** | Tolerance | ±5% (Standard) | | **G** | Termination | Gold over nickel over moly-manganese | | **R** | Packaging | 7″ machine-ready reel | | **U** | Testing Level | Standard / Commercial grade | --- ### 2. Technical Specifications The following table highlights the critical electrical characteristics of the 0603CS-R33XGRU: | Parameter | Specification | | :--- | :--- | | **Inductance** | 330 nH | | **Tolerance** | ±5% | | **Quality Factor (Q min)** | 32 (at 100 MHz) | | **SRF (Self-Resonant Frequency)** | 900 MHz (Minimum) | | **DCR (DC Resistance)** | 1.05 Ohms (Maximum) | | **Irms (Rated Current)** | 310 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features & Applications #### Features * **High Q-Factor:** The wire-wound construction on a ceramic core provides much lower losses at high frequencies compared to multilayer inductors. * **Tight Tolerance:** The ±5% tolerance is essential for precise tuning in RF circuits. * **Excellent Thermal Stability:** Maintains inductance values across a wide temperature range. #### Common Applications 1. **RF Filtering:** Used in bandpass, high-pass, and low-pass filters for wireless communication. 2. **Impedance Matching:** Crucial for matching the impedance between an antenna and a transceiver to prevent signal reflection. 3. **Oscillators:** Integrated into VCO (Voltage Controlled Oscillator) circuits. 4. **Mobile Infrastructure:** Found in base stations, GPS receivers, and Wi-Fi modules. --- ### 4. Comparison: Wire-wound vs. Multilayer The 0603CS is a **wire-wound** inductor. Here is how it differs from a standard multilayer inductor: ```markdown - Wire-wound: Higher Q, higher current handling, lower DCR, better for RF. - Multilayer: Lower cost, smaller profile, higher DCR, better for general decoupling. ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the G and the L termination codes for this inductor?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect circuit performance?
    • ⤷ Can this inductor be used in high-power power supply circuits?