0603CS-R39XJRU
AI

The part number **0603CS-R39XJRU** identifies a specific high-frequency chip inductor manufactured by **Coilcraft**. This component belongs to the 0603CS series, which is widely used in RF (Radio Frequency) applications due to its high Q-factor and ceramic core construction.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps in identifying the exact specifications:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Size** | 0603 | Dimensions: 0.06 x 0.03 inches (1.6 x 0.8 mm) |
| **Series** | CS | Ceramic Core, Wirewound Inductor |
| **Inductance** | R39 | 390 nH (R denotes decimal; 0.39 µH = 390 nH) |
| **Tolerance** | J | ± 5% |
| **Termination** | R | RoHS compliant matte tin over nickel over silver-platinum-glass frit |
| **Packaging** | U | 7″ machine-ready plastic tape (2000 parts per reel) |
---
### 2. Technical Specifications
These are the typical electrical characteristics for this specific model:
* **Inductance:** 390 nH
* **Tolerance:** ± 5%
* **Quality Factor (Q):** High Q (Typical > 40 at 100 MHz)
* **Self-Resonant Frequency (SRF):** ~600 MHz
* **DCR (Direct Current Resistance):** ~2.30 Ohms (Maximum)
* **IDC (Maximum Current):** ~150 mA
* **Operating Temperature:** -40°C to +125°C
---
### 3. Key Features and Applications
The 0603CS series is distinct because it uses **Wirewound technology** on a ceramic body.
#### Features:
* **High Q Factors:** Much higher than multilayer or thick-film inductors, making them ideal for signal integrity in RF.
* **High SRF:** Allows the inductor to function at very high frequencies without becoming capacitive.
* **Tight Tolerances:** The 5% tolerance is standard for precision tuning circuits.
#### Typical Applications:
1. **RF Filter Networks:** Used in bandpass, high-pass, and low-pass filters.
2. **Impedance Matching:** Often found in the matching circuits between a Power Amplifier (PA) and an antenna.
3. **VCOs:** Used in Voltage Controlled Oscillators for frequency stability.
4. **Wireless Communication:** Common in Bluetooth, Wi-Fi, and cellular infrastructure hardware.
---
### 4. Comparison: Ceramic vs. Ferrite Core
Since this is a "CS" (Ceramic) part, it behaves differently than ferrite alternatives:
| Feature | Ceramic Core (0603CS) | Ferrite Core (0603LS) |
| :--- | :--- | :--- |
| **Frequency Range** | Very High (GHz range) | Lower (MHz range) |
| **Current Handling** | Lower | Higher |
| **Inductance Values** | Lower (nH range) | Higher (µH range) |
| **Saturation** | Does not saturate | Subject to magnetic saturation |
---
- ⤷
How does the Q-factor of a wirewound inductor compare to a multilayer inductor?
- ⤷ What is the significance of the Self-Resonant Frequency (SRF) in RF design?
- ⤷ Are there pin-compatible alternatives from other manufacturers like Murata or TDK?