0603FA2-R
AI

The **0603FA2-R** is a specific surface-mount electronic component, primarily known as a **Fast-Acting Chip Fuse**. It is designed to provide overcurrent protection for sensitive electronic circuits.
---
## 1. Component Overview
The part number follows a standard industry naming convention:
* **0603**: Refers to the physical package size (0.06 x 0.03 inches).
* **FA**: Stands for "Fast Acting," indicating its reaction speed to current spikes.
* **2**: Represents the current rating (2 Amperes).
* **-R**: Typically signifies compliance with RoHS (Lead-Free) standards.
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Surface Mount Device (SMD) Fuse |
| **Package Size** | 0603 (1608 Metric) |
| **Current Rating** | 2.0 Amperes |
| **Voltage Rating** | Usually 32V DC (typical for this series) |
| **Fuse Speed** | Fast-Acting / Quick-Acting |
| **Interrupt Rating** | 50A at 32VDC (typical) |
| **Material** | Ceramic body with silver-plated terminations |
---
## 2. Functional Characteristics
### Fast-Acting Response
Unlike "Slow-Blow" fuses, the 0603FA2-R is designed to open (blow) very quickly when the current exceeds its 2A rating. This is critical for protecting delicate ICs (Integrated Circuits) that can be damaged by even brief surges.
### Physical Dimensions
| Dimension | Measurement (mm) | Measurement (inches) |
| :--- | :--- | :--- |
| **Length (L)** | 1.60 ± 0.15 | 0.063 |
| **Width (W)** | 0.80 ± 0.15 | 0.031 |
| **Height (H)** | 0.80 ± 0.15 | 0.031 |
---
## 3. Common Applications
Due to its small footprint and rapid response time, this part is commonly used in:
* **Consumer Electronics:** Smartphones, tablets, and laptops.
* **Peripheral Protection:** USB ports and HDMI interface protection.
* **Battery Management:** Overcurrent protection in Li-ion battery packs.
* **LCD Monitors:** Backlight inverter protection.
---
## 4. Soldering & Handling
When using the 0603FA2-R in a design, specific soldering profiles should be followed to avoid pre-damaging the fuse element:
```markdown
- Recommended Soldering: Reflow or Wave
- Peak Temperature: 260°C (max 10 seconds)
- Storage Temperature: -55°C to +125°C
```
- ⤷
What is the difference between a fast-acting fuse and a slow-blow fuse in 0603 packages?
- ⤷ How do I calculate the derating factor for this fuse at high temperatures?
- ⤷ Can this fuse be used in AC voltage applications?