06GENW3ES/-R
AI

The **06GENW3ES/-R** is a high-performance, medical-grade **AC Power Entry Module** (PEM) manufactured by Delta Electronics. This component is an integrated unit designed to manage the input power of electronic devices, combining several functions into a single housing.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Rated Voltage** | 115/250 VAC |
| **Rated Current** | 6 Amps |
| **Operating Frequency** | 50/60 Hz |
| **Leakage Current** | Very Low (Medical Grade, typically < 2μA @ 115V) |
| **Termination Style** | Wire Leads (indicated by the 'W') |
| **Mounting Type** | Screw Mount (Flange) |
| **Safety Approvals** | UL, CSA, VDE |
---
### 2. Integrated Components
The "3-in-1" nature of this part means it contains three distinct electronic sub-assemblies:
1. **IEC 60320-1 C14 Inlet**: The standardized male socket that accepts a typical power cord.
2. **RFI/EMI Filter**: An internal LC circuit (inductors and capacitors) designed to suppress electromagnetic interference. The **"ES"** designation often refers to an enhanced stage or specific filter configuration for higher noise attenuation.
3. **Fuse Holder**: A compartment for a 5x20mm fuse (often double-fused for medical safety) to protect the device from overcurrent.
---
### 3. Part Number Suffix Breakdown
* **06**: Represents the current rating (6 Amperes).
* **GE**: Series designation for Delta's power entry modules.
* **N**: Neutral/Standard configuration.
* **W**: **Wire Leads**. Instead of solder tabs or fast-on terminals, this version has pre-attached insulated wires for internal connection.
* **3**: Specific physical housing style or circuit type.
* **ES**: Enhanced performance filter, often with low-leakage characteristics for medical equipment.
* **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 4. Typical Applications
Due to its low leakage current and high suppression capabilities, this part is commonly found in:
* **Medical Equipment**: Dialysis machines, monitors, and diagnostic tools (where patient safety requires minimal leakage).
* **Precision Test Instruments**: Where electrical noise could interfere with sensitive measurements.
* **Industrial Controls**: To protect internal logic boards from power line spikes.
- ⤷
What is the specific leakage current limit for the ES medical-grade version?
- ⤷ Does this model support single or dual fusing?
- ⤷ What are the wire lead lengths and gauges for the 'W' variant?