0805J5000332KDR
AI

The part number **0805J5000332KDR** refers to a high-reliability Multilayer Ceramic Capacitor (MLCC) manufactured by **Knowles (Syfer)**. This specific component is designed for demanding applications, often featuring high voltage ratings and high-temperature stability.
---
### 1. Part Number Breakdown
To understand the electronic characteristics, we can decode the manufacturer's nomenclature:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) |
| **J** | Termination | Nickel Barrier (100% matte tin plating, RoHS compliant) |
| **500** | Voltage Rating | 500 Volts (DC) |
| **0332** | Capacitance | 3.3 nF (3300 pF) |
| **K** | Tolerance | ±10% |
| **D** | Dielectric | X7R (High reliability / Temperature stable) |
| **R** | Packaging | Taped and Reeled (7" reel) |
---
### 2. Technical Specifications
This component is built using the **X7R** dielectric material, which belongs to the "Class II" ceramic family. It provides a balance between high capacitance density and stability.
#### Electrical Profile:
* **Capacitance:** 3300 pF (3.3 nF).
* **Rated Voltage:** 500V DC. This is considered a "High Voltage" MLCC for its small 0805 footprint.
* **Dissipation Factor:** Generally < 2.5% for X7R materials.
* **Insulation Resistance:** Typically 100GΩ or 1000s (whichever is less).
#### Thermal Profile:
* **Operating Temperature:** -55°C to +125°C.
* **Temperature Coefficient:** ±15% maximum change in capacitance over the temperature range.
---
### 3. Key Applications
Because of the **500V** rating and **X7R** stability, this part is commonly used in:
1. **Power Supplies:** Snubber circuits and DC-DC converters where high voltage spikes may occur.
2. **Filtering:** High-frequency noise suppression in industrial electronics.
3. **Lighting:** Ballast circuits for LED or fluorescent systems.
4. **Automotive/Industrial:** Robust enough for environments with fluctuating temperatures.
---
### 4. Comparison with Standard MLCCs
Compared to a standard 50V 0805 capacitor, the **0805J5000332KDR** is physically more robust internally to prevent "arcing" (electrical breakdown) across the ceramic layers due to the 500V potential.
```yaml
Part_Type: High Voltage MLCC
Manufacturer: Knowles / Syfer
Safety_Standard: FlexiCap™ (often available in this range for mechanical stress)
RoHS: Compliant
```
- ⤷
What is the difference between X7R and C0G dielectrics for high voltage parts?
- ⤷ How does the 'FlexiCap' termination technology from Syfer improve reliability?
- ⤷ Can this 500V capacitor be used in AC line filtering applications?