AI

The **082-5375-RFX** is a high-performance RF (Radio Frequency) connector manufactured by **Amphenol RF**. It belongs to the **N-Type** connector family, specifically designed for coaxial cable terminations.
---
## 🛠️ Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | N-Type Jack (Female) |
| **Body Style** | Straight |
| **Termination Type** | Crimp / Solder |
| **Impedance** | 50 Ohms |
| **Frequency Range** | DC to 11 GHz |
| **Cable Type** | RG-58, RG-141, RG-303, LMR-195 |
| **Body Material** | Brass |
| **Body Plating** | Nickel (White Bronze / Nexcote options available) |
| **Contact Material** | Phosphor Bronze |
| **Contact Plating** | Gold |
---
## 🔍 Component Breakdown
### 1. Mechanical Construction
* **Body:** Made of machined brass for durability. The "RFX" suffix typically denotes a commercial-grade series that balances cost and performance for industrial applications.
* **Insulator:** Usually made of **PTFE (Teflon)**, which provides low dielectric loss and high temperature resistance.
* **Coupling:** It features a threaded coupling mechanism (5/8-24 UNEF thread), providing a secure, vibration-proof connection.
### 2. Electrical Performance
* **50 Ohm Impedance:** Matches standard RF transmission lines to minimize signal reflection (VSWR).
* **11 GHz Rating:** While many N-Type connectors are used in lower frequencies (WiFi, Cellular), this specific part is rated for high-frequency microwave applications.
* **Gold-Plated Contacts:** Ensures low contact resistance and prevents oxidation over time, maintaining signal integrity.
### 3. Compatible Cables
This connector is specifically sized for small-diameter coaxial cables, including:
* **RG-58 / RG-58A / RG-58C:** Standard 50-ohm communication cable.
* **LMR-195:** A low-loss alternative to RG-58.
* **RG-141:** High-temperature, semi-rigid or flexible variants.
---
## 📡 Common Applications
* **Wireless Infrastructure:** Base stations and cellular antennas.
* **Test and Measurement:** Connecting equipment like Spectrum Analyzers.
* **WLAN/WiFi:** External antenna mounts for routers and access points.
* **Maritime & Aerospace:** Due to the threaded, weather-resistant nature of N-type connectors.
---
## ⚠️ Installation Notes
To install the 082-5375-RFX, you generally require:
1. **Stripping Tool:** To prep the coaxial cable to specific dimensions.
2. **Soldering Iron:** For the center conductor pin (though some variants allow crimping).
3. **Crimp Tool:** A hex crimp tool (typically **.213" hex**) to secure the outer ferrule to the cable braid.
- ⤷
What are the specific crimp tool die sizes required for the 082-5375-RFX?
- ⤷ How does this connector compare to a BNC connector in terms of power handling?
- ⤷ Is the 082-5375-RFX waterproof or IP-rated for outdoor use?