Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 082-63-RFX

  • AI
    ### Analysis of Part Number 082-63-RFX The part number **082-63-RFX** typically refers to a specific type of RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is a member of the **N-Type** connector family, known for its durability and ability to handle high frequencies. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | N-Type (Threaded) | | **Gender** | Jack (Female) | | **Orientation** | Straight | | **Mounting Type** | Panel Mount (4-Hole Flange) | | **Termination** | Solder Pot / Solder Cup | | **Impedance** | 50 Ohms | | **Body Plating** | Nickel | | **Contact Plating** | Gold | | **Insulator Material** | PTFE (Teflon) | --- ### Key Components & Materials 1. **Outer Shell (Body):** Made of brass with **Nickel plating**. The Nickel provides excellent corrosion resistance and mechanical strength. 2. **Center Contact:** Constructed from phosphor bronze or brass with **Gold plating**. Gold is used to ensure low contact resistance and to prevent oxidation over time. 3. **Insulator:** Uses **PTFE (Polytetrafluoroethylene)**. This material has a low dielectric constant and can withstand high temperatures, which is critical for maintaining signal integrity at high frequencies. 4. **4-Hole Flange:** The "63" in the series often denotes the specific flange configuration, allowing the connector to be bolted securely to a chassis or bulkhead. --- ### Applications Because the N-Type connector is weather-resistant and can handle frequencies up to **11 GHz** (and sometimes higher depending on the specific build), it is commonly used in: * **Base Stations:** Cellular and telecommunications infrastructure. * **Instrumentation:** Signal generators and spectrum analyzers. * **Aerospace:** Ruggedized communication systems. * **Antennas:** Outdoor RF transmission equipment. --- ### Drawing/Form Factor Overview ```text [ Front Interface ] [ Flange ] [ Termination ] (N-Female) (4 Holes) (Solder Cup) _______________________ __________ | | | | | (O) |======| :: |------- [ ] |_______________________| |__________| ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the 082-63-RFX?
    • ⤷ Does this connector require a specific gasket for environmental sealing?
    • ⤷ Are there alternative plating options
    • ⤷ such as Silver
    • ⤷ for this specific part?