083-8SP-RFX
AI

## Technical Overview: 083-8SP-RFX
The **083-8SP-RFX** is a high-performance **UHF (Ultra High Frequency) Jack Connector**, commonly known as a **SO-239** connector. It is manufactured by **Amphenol RF** and is designed specifically for coaxial cable terminations in radio frequency applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | UHF Female Jack (SO-239) |
| **Impedance** | Non-constant (typically ~50 Ohms) |
| **Frequency Range** | 0 - 300 MHz |
| **Mounting Type** | Panel Mount, 4-Hole Flange |
| **Termination Style** | Solder Cup |
| **Voltage Rating** | 500V Peak |
| **Operating Temp** | -65°C to +165°C |
---
### 2. Physical Construction & Materials
The "RFX" suffix in the part number often denotes Amphenol's commercial grade, which offers a balance between high performance and cost-effectiveness.
* **Body Material:** Brass or Zinc alloy with **Nickel plating** for excellent corrosion resistance and durability.
* **Contact Material:** Brass or Phosphor Bronze with **Silver or Gold plating** to ensure high conductivity and minimal signal loss.
* **Insulator:** Typically **PTFE (Teflon)** or PBT. PTFE is preferred in the RFX line because it handles high heat during soldering and maintains stable electrical properties.
* **Mechanical Interface:** Threaded coupling (5/8"-24 thread) which provides a secure, vibration-resistant connection.
---
### 3. Application Areas
The 083-8SP-RFX is widely used in industries requiring reliable low-to-mid frequency RF transmissions:
1. **Amateur Radio (Ham Radio):** The standard connector for HF (High Frequency) transceivers and antennas.
2. **CB Radio:** Used in vehicle-mounted and base station citizens band setups.
3. **Marine Communication:** Utilized for VHF ship-to-shore communication systems.
4. **Public Address Systems:** Sometimes used for high-power audio or antenna distribution in low-frequency ranges.
5. **Test Equipment:** Found on the rear panels of older signal generators and wattmeters.
---
### 4. Implementation Note: Solder Cup Termination
This part features a **Solder Cup** center contact. When installing:
* The coaxial cable's center conductor is inserted into the cup and soldered.
* The outer shield (braid) is typically clamped or soldered to the flange/body depending on the specific chassis mounting configuration.
* **Caution:** Because this is a UHF connector, it is generally not recommended for applications exceeding **300-500 MHz** due to significant impedance discontinuities at higher frequencies.
- ⤷
What are the main differences between a UHF connector and an N-type connector?
- ⤷Can the 083-8SP-RFX be used for outdoor weather-exposed environments?
- ⤷What is the recommended hole pattern for mounting a 4-hole flange UHF jack?