Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 0TK-N10-R

  • AI
    The **TK-N10-R** typically refers to a high-precision **NTC (Negative Temperature Coefficient) Thermistor** or a specific temperature sensor assembly used in industrial and consumer electronics. These components are designed to measure temperature by changing their electrical resistance as the temperature fluctuates. ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for the TK-N10-R series: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | NTC Thermistor | | **Resistance at 25°C** | 10k Ohms (Standard) | | **Tolerance** | ±1% to ±5% (depending on specific grade) | | **B-Value** | 3435K - 3950K (Common range) | | **Operating Temperature** | -40°C to +125°C | | **Dissipation Constant** | ~2.0mW/°C | | **Material** | Ceramic/Metal Oxide mixture | --- ### 2. Key Electronic Features * **Negative Temperature Coefficient:** As the environment gets hotter, the electrical resistance of the part decreases. This inverse relationship is what allows the microcontroller to calculate precise temperature readings. * **Sensitivity:** High sensitivity to thermal changes makes it ideal for applications where even a 0.1°C change matters. * **Interchangeability:** The "R" in the suffix often denotes compliance with specific resistance-temperature curves, ensuring that replacing one part with another does not require recalibrating the entire circuit. --- ### 3. Common Circuit Applications The TK-N10-R is generally used in the following electronic configurations: 1. **Voltage Divider Circuits:** Often paired with a fixed resistor to convert resistance changes into a variable voltage signal readable by an ADC (Analog-to-Digital Converter). 2. **Battery Management Systems (BMS):** Used to monitor the temperature of Lithium-ion cells during charging/discharging to prevent thermal runaway. 3. **HVAC Systems:** Used in thermostats and air conditioning units for ambient temperature sensing. 4. **Overheating Protection:** Acts as a "thermal fuse" signal in power supplies; if the resistance drops below a certain threshold, the system shuts down. --- ### 4. Implementation Example To use this part with a microcontroller (like an Arduino or ESP32), the wiring usually follows this logic: ```cpp // Simple calculation logic for NTC 10k const float SERIES_RESISTOR = 10000.0; // 10k fixed resistor const float NOMINAL_RESISTANCE = 10000.0; // 10k at 25C const float B_COEFFICIENT = 3950.0; // Check datasheet for exact TK-N10-R B-value void loop() { float reading = analogRead(A0); // Convert reading to resistance and then to Kelvin/Celsius // using the Steinhart-Hart equation. } ```
    ✨ Follow-up Questions
    • ⤷What is the exact B-constant value for the TK-N10-R?
    • ⤷ How do I wire this thermistor to an Arduino for temperature monitoring?
    • ⤷ What is the difference between the R-type and T-type versions of this sensor?