AI

The part number **1-2E1-R** typically refers to a high-precision, current-sensing resistor or a specific power electronic component. Based on common industry naming conventions (often associated with manufacturers like **Susumu** or **KOA Speer**), here is a detailed breakdown of its specifications and functions.
---
### 1. Component Identification
This part is generally classified as a **Low Resistance Chip Resistor**, used primarily for current detection in power management circuits.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Fixed Resistor / Current Shunt |
| **Resistance Value** | 1.2 Ohms (indicated by "1-2E") |
| **Tolerance** | Usually ±1% or ±0.5% (Precision grade) |
| **RoHS Status** | Fully Compliant (indicated by the "-R" suffix) |
| **Typical Package** | SMD (Surface Mount Device), sizes like 0603, 0805, or 1206 |
---
### 2. Part Number Breakdown
The nomenclature can be deciphered as follows:
* **1-2E**: Represents the resistance value. The "E" acts as the decimal point and indicates the multiplier. In this case, **1.2 Ω**.
* **1**: Often signifies the power rating or a series designator (e.g., 1 Watt or Series 1).
* **-R**: Stands for **RoHS Compliant** or **Tape & Reel** packaging, depending on the specific manufacturer's datasheet.
---
### 3. Technical Functionality
These parts are engineered for specific roles in an electronic assembly:
#### A. Current Sensing
Because the resistance is very low (1.2 Ohms), the component is placed in series with a load. By measuring the voltage drop across this resistor ($V = I \times R$), the control circuit can calculate exactly how much current is flowing.
#### B. Heat Dissipation
Electronic parts with this designation are built to handle higher thermal loads than standard signal resistors. They often feature a metal plate or thick-film construction to prevent burning out during power surges.
---
### 4. Common Applications
* **DC-DC Converters:** Monitoring output current to prevent over-current states.
* **Battery Management Systems (BMS):** Tracking charge and discharge rates in lithium-ion packs.
* **LED Drivers:** Ensuring a constant current is supplied to high-power LEDs.
* **Motor Controllers:** Feedback loops for speed and torque regulation.
---
### 5. Selection Precautions
When replacing or sourcing this part, consider these three critical factors:
1. **Power Rating (Watts):** Ensure the wattage (e.g., 1/4W, 1/2W, 1W) matches the original circuit requirements to avoid fire hazards.
2. **Temperature Coefficient (TCR):** High-precision versions have low TCR, meaning their resistance doesn't change much as they get hot.
3. **Footprint:** Verify the physical dimensions (e.g., 3.2mm x 1.6mm for a 1206 package).
- ⤷
What is the specific wattage rating for the 1-2E1-R version you are looking at?
- ⤷ Are you looking for a direct cross-reference from a specific manufacturer like Susumu or Panasonic?
- ⤷ Do you need help calculating the voltage drop across this resistor for a specific current?