1008CP-R47
AI

The **1008CP-R47** is a specific part number for a surface-mount (SMD) wire-wound chip inductor. These components are primarily used in high-frequency (RF) circuits for filtering, impedance matching, and resonance.
---
## 1. Part Number Breakdown
The naming convention follows standard industry patterns (similar to manufacturers like Coilcraft or Bourns):
| Component Segment | Value | Meaning |
| :--- | :--- | :--- |
| **1008** | Case Size | 0.10 x 0.08 inches (approx. 2.5 x 2.0 mm) |
| **CP** | Series | Ceramic core, typically high-performance/RF type |
| **R47** | Inductance | **0.47 µH** (470 nH) |
---
## 2. Technical Specifications
The "R47" value indicates an inductance of 470 nanohenries. Here are the typical electrical characteristics for this class of inductor:
* **Inductance:** 470 nH (0.47 µH).
* **Tolerance:** Usually ±5% (J) or ±10% (K).
* **Core Material:** Ceramic (Non-magnetic). Ceramic cores provide excellent stability and high Self-Resonant Frequency (SRF).
* **Quality Factor (Q):** High Q (typically 30–50+ at specific frequencies), which is essential for minimizing signal loss in RF paths.
* **DC Resistance (DCR):** Relatively low (usually between 0.5 to 1.5 Ohms), though higher than power inductors.
* **Rated Current:** Typically between 200mA and 500mA.
---
## 3. Key Features & Applications
### Features
* **High Resonance:** Because of the ceramic core, the Self-Resonant Frequency is very high, making it usable in the GHz range.
* **Wire-Wound Construction:** Provides much higher Q-factors and current handling compared to multilayer ceramic inductors.
* **Compact Footprint:** The 1008 size is ideal for space-constrained PCB designs.
### Common Applications
1. **RF Impedance Matching:** Used in the antenna circuitry of Wi-Fi routers, Bluetooth devices, and cellular phones.
2. **Frequency Selection:** Used in LC filters and oscillators to select specific signal bands.
3. **Noise Suppression:** Filtering high-frequency noise in sensitive analog signal lines.
---
## 4. Comparison: Ceramic vs. Ferrite Core
Since the 1008CP is a **Ceramic Core** inductor, it differs from Ferrite types:
| Feature | Ceramic Core (1008CP) | Ferrite Core |
| :--- | :--- | :--- |
| **Inductance Range** | Lower (nH to low µH) | Higher (µH to mH) |
| **Current Handling** | Moderate | High |
| **Frequency Range** | Very High (GHz) | Low to Medium (MHz) |
| **Saturation** | Does not saturate | Subject to magnetic saturation |
- ⤷
What is the maximum frequency range for a 1008 size ceramic inductor?
- ⤷ How do I interpret the tolerance letter code if it were 1008CP-R47J?
- ⤷ Can this inductor be used in a power supply circuit?