Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10220-R20TFB

  • AI
    The **10220-R20TFB** is a specific part number for a high-density, miniature I/O connector produced by **3M**. It belongs to the **MDR (Mini Delta Ribbon)** series, which is widely used in industrial automation, medical equipment, and high-speed data transmission. --- ### ## Technical Specifications Below are the primary electrical and mechanical characteristics for this component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | 3M | | **Series** | Mini Delta Ribbon (MDR) | | **Number of Positions** | 20 Pins | | **Mounting Type** | Board Mount, Right Angle (Through-Hole) | | **Termination** | Solder | | **Contact Plating** | Gold (typically 30µ" or 0.76µm) | | **Shielding** | Shielded (Metal Shroud) | | **Mounting Hardware** | M2.5 Threaded Hole (for screw locks) | --- ### ## Key Electronic Features 1. **Ribbon Contact Design:** Unlike standard pin-and-socket connectors, the MDR series uses ribbon-style contacts. This provides a larger surface area for contact, resulting in lower electrical resistance and higher reliability over multiple mating cycles. 2. **EMI/ESD Protection:** The part features a metal shroud that provides excellent EMI (Electromagnetic Interference) shielding. This is critical for maintaining signal integrity in noisy industrial environments. 3. **High-Speed Data Support:** The 10220-R20TFB is designed to support high-speed differential signaling, making it a common choice for **Camera Link** standards and LVDS (Low-Voltage Differential Signaling) applications. 4. **Board Retention:** The "R20" designation typically refers to the right-angle configuration with specific board-lock features to ensure the connector remains stable during the soldering process and throughout the product's lifecycle. --- ### ## Common Applications * **Machine Vision:** Standard interface for Camera Link cables connecting industrial cameras to frame grabbers. * **Industrial PC (IPC):** Used for peripheral connections where space is limited but high pin density is required. * **Medical Imaging:** Reliable data transfer for diagnostic equipment. * **Test & Measurement:** High-density I/O for data acquisition systems. --- ### ## Cross-Reference & Mating To use this part effectively, it must be paired with the appropriate 20-pin MDR wire-mount plug. * **Mating Connector:** 3M 10120-3000VE (or similar 20-pin MDR plugs). * **Shell/Hood:** Often requires a 10320 series junction shell for cable strain relief.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the 10220-R20TFB footprint for PCB design?
    • ⤷ Is there a surface-mount (SMT) version available for this 20-pin MDR connector?
    • ⤷ What is the maximum current rating per contact for the 3M MDR series?