10240-R21TS
AI

The **10240-R21TS** refers to a specific part number typically associated with high-density interconnect solutions, specifically the **3M™ Mini Delta Ribbon (MDR) Series** connectors. These are widely used in industrial automation, machine vision, and telecommunications.
---
### 1. General Specifications
The 10240-R21TS is a **40-position, right-angle, shielded boardmount plug**. Below are the core technical details:
| Feature | Specification |
| :--- | :--- |
| **Series** | Mini Delta Ribbon (MDR) |
| **Number of Contacts** | 40 |
| **Orientation** | Right Angle (Horizontal) |
| **Mounting Type** | Through Hole (Solder) |
| **Shielding** | Fully Shielded (Metal Shroud) |
| **Pitch** | 0.050" (1.27 mm) |
| **Contact Plating** | Gold over Nickel |
---
### 2. Key Features & Design
* **Wiper-on-Wiper Contact:** The design uses a ribbon-style contact system rather than traditional pins. This provides a more reliable connection under vibration and allows for high-cycle durability.
* **EMI/ESD Protection:** The metal shroud and shielded interface are designed to minimize electromagnetic interference (EMI), making it suitable for high-speed data transmission.
* **Mechanical Stability:** It often includes board locks or "ground lock" features (indicated by certain suffixes) to ensure the connector remains securely attached to the PCB during the mating/unmating process.
* **Screw or Latch Interface:** This specific series usually supports various locking mechanisms to prevent accidental disconnection.
---
### 3. Common Applications
Due to its high density and robust shielding, the 10240-R21TS is commonly found in:
1. **Camera Link Systems:** Used in industrial cameras and frame grabbers for machine vision.
2. **LVDS Interfacing:** High-speed low-voltage differential signaling for displays.
3. **Medical Equipment:** Reliable data transfer for imaging and diagnostics.
4. **Test and Measurement:** High-pin count interfaces for laboratory instruments.
---
### 4. Technical Drawing & Footprint
* **Pitch:** The 1.27mm (0.050 inch) spacing is half the distance of standard 2.54mm headers, allowing for 40 pins in a relatively small footprint.
* **Material:** The insulator is typically a high-temperature glass-filled thermoplastic (LCP or PBT) to withstand wave soldering.
- ⤷
What is the difference between the 'R21TS' and 'R20TS' suffixes in this series?
- ⤷ Which mating cable connector is compatible with the 10240-R21TS?
- ⤷ Is this connector compliant with the Camera Link standard?