Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 1025FA15-R

  • AI
    The **1025FA15-R** is a high-performance, fast-acting surface mount fuse manufactured by **Eaton (Bussmann Division)**. It belongs to the 1025FA series, specifically designed for overcurrent protection in compact electronic circuits. --- ### 1. Technical Specifications Below is a summary of the primary electrical and physical characteristics of the 1025FA15-R: | Parameter | Specification | | :--- | :--- | | **Current Rating** | 15 Amperes | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 72 VDC | | **Interrupting Rating** | 100A @ 250VAC / 500A @ 72VDC | | **Fuse Body Material** | Ceramic | | **Termination Style** | Surface Mount (SMD/SMT) | | **Package / Case** | 1025 (10.3mm x 3.15mm) | | **Response Time** | Fast Acting (F) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Key Components and Design The part is engineered to provide reliable circuit interruption without the footprint of traditional glass tube fuses. * **Ceramic Body:** The housing is made of high-grade ceramic, which provides excellent thermal stability and insulation during a high-current blow event. * **Fast-Acting Element:** The internal fuse link is designed to open quickly (typically within milliseconds) when the current exceeds the 15A threshold, protecting sensitive downstream components from damage. * **Silver-Plated End Caps:** These ensure high conductivity and reliable solderability during the SMT assembly process. --- ### 3. Common Applications Due to its high amperage rating (15A) and small 1025 form factor, this part is frequently found in: * **Power Supplies:** Protecting input stages of AC/DC converters. * **LCD Monitors/TVs:** Backlight inverter protection. * **Industrial Equipment:** Overcurrent protection for motor controllers or PLC modules. * **Computing:** Server power distribution units (PDUs) and high-wattage workstations. --- ### 4. Comparison to Standard Fuses The 1025FA series is often preferred over the smaller 1206 or 0603 SMD fuses when **higher voltage ratings** (up to 250V) are required. Unlike glass fuses, the ceramic construction prevents the fuse from shattering under high-fault current conditions.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 1025FA and 1025TD (Time-Delay) series?
    • ⤷ How does the derating curve affect the 15A rating at high temperatures?
    • ⤷ What is the recommended solder profile for the 1025FA15-R?