Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10268-R20CFB

  • AI
    The **10268-R20CFB** is a specialized high-speed connector component, specifically an **MDR (Mini Delta Ribbon) Plug** from the 3M™ 102 Series. It is widely used in industrial automation and telecommunications for reliable high-density data transmission. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Series** | 3M™ MDR (Mini Delta Ribbon) 102 Series | | **Pin Count** | 68 Positions | | **Connector Type** | Wiremount Plug (Male) | | **Pitch** | 0.050" (1.27 mm) | | **Mounting Type** | IDC (Insulation Displacement Contact) | | **Shielding** | Fully Shielded (EMI/ESD protection) | | **Current Rating** | 1.0 Amp | --- ### 2. Physical Design Features * **Wiper-on-Wiper Contact:** The ribbon-style contacts provide a reliable electrical connection by creating a large surface area for contact, which minimizes the risk of signal loss during vibration. * **IDC Termination:** This allows for quick and reliable mass termination of discrete wires or flat cables without the need for stripping individual wires. * **Bail Latch System:** The "CFB" suffix often refers to the specific hardware configuration, which typically involves a **Bail Latch** or a specific shell kit designed for secure mechanical locking to a receptacle. --- ### 3. Electrical & Signal Integrity * **EMI/RFI Protection:** The metal shell provides excellent shielding, making it ideal for high-speed signal standards like **LVDS** (Low Voltage Differential Signaling) and **Camera Link**. * **Voltage Rating:** Typically rated for 150V AC/DC. * **Temperature Range:** Operates effectively between -20°C to +85°C. --- ### 4. Common Applications 1. **Industrial Machine Vision:** Standard connector type for Camera Link cables used in high-speed industrial cameras. 2. **Medical Equipment:** Used in diagnostic imaging devices where high-density, shielded data paths are required. 3. **Automation & Robotics:** Ideal for PLC (Programmable Logic Controller) interfaces and motion control systems. 4. **Telecom:** High-speed I/O interfaces for networking hardware. --- ### 5. Part Number Breakdown * **102:** Series Designation (MDR Wiremount Plug). * **68:** Number of pins/positions. * **R20:** Indicates the specific version/cable size compatibility (usually discrete wire). * **CFB:** Specific hardware/packaging code (often indicating a metal junction shell with latching mechanisms).
    ✨ Follow-up Questions
    • ⤷What are the compatible cable types for the 10268-R20CFB?
    • ⤷ What is the difference between MDR and SDR connectors?
    • ⤷ Which shell kit is required for the 10268-R20CFB connector?