AI

Based on the technical nomenclature, the **10280-R21TS** typically refers to a high-density, professional-grade **MDR (Mini Delta Ribbon)** connector, often manufactured by companies like **3M**. These components are widely used in industrial telecommunications, medical imaging, and high-speed data transmission systems.
---
## Technical Specifications
The following table outlines the general electronic and physical characteristics of the 10280 series:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | MDR (Mini Delta Ribbon) Receptacle |
| **Pin Count** | 80 Positions (High Density) |
| **Pitch** | 0.050" (1.27 mm) |
| **Mounting Style** | Right Angle Through-Hole (T/H) |
| **Shielding** | Fully Shielded (EMI/RFI protection) |
| **Current Rating** | 1.0 Ampere per contact |
| **Voltage Rating** | 150 V AC/DC |
---
## Component Breakdown
### 1. The Connector Interface (MDR)
The "102" prefix indicates the **Mini Delta Ribbon** family. Unlike standard pin-header connectors, MDR uses a ribbon-style contact.
* **Durability:** Designed for high-cycle mating (typically 500+ cycles).
* **Wiping Action:** The contacts are designed to "wipe" against each other during insertion, removing surface oxidation and ensuring a clean signal.
### 2. Physical Layout (80-R21TS)
* **80:** Denotes the number of active pins/conductors.
* **R21:** Typically refers to the specific mounting configuration. In this case, it is a **Right-Angle** PCB mount, meaning the cable enters parallel to the board.
* **TS:** Often indicates the plating or specific tail length (e.g., **T**in-Lead or **S**elective Gold plating).
### 3. Electronic Protection (EMI/ESD)
The outer metal shell serves two primary functions:
* **Mechanical Grounding:** Provides a sturdy connection to the chassis.
* **Signal Integrity:** The shroud acts as a Faraday cage to prevent electromagnetic interference (EMI) from leaking into or out of the high-speed data lines.
---
## Common Applications
Because of its high density and reliable signal integrity, the 10280-R21TS is found in:
* **Camera Link Systems:** Used in industrial machine vision.
* **LVDS Signaling:** Low-Voltage Differential Signaling for displays.
* **Test & Measurement:** Oscilloscopes and logic analyzers requiring multi-channel inputs.
* **SCSI Interfaces:** Older high-speed storage communication.
- ⤷
What is the standard pinout configuration for the 80-pin MDR connector?
- ⤷ How does the 10280-R21TS differ from a standard SCSI connector?
- ⤷ Are there specific soldering temperatures recommended for this through-hole component?