Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 103R-270JS

  • AI
    The part number **103R-270JS** typically refers to a high-frequency surface-mount (SMD) wire-wound chip inductor, commonly manufactured by companies like **API Delevan**. --- ### 1. Part Number Breakdown To understand the specifications, the part number is decoded as follows: | Component | Code | Meaning | | :--- | :--- | :--- | | **Series** | 103R | 103 Series (Shielded/Unshielded wire-wound inductor), 'R' denotes RoHS compliant | | **Inductance Value** | 270 | 27 x 10^0 = **27 nanoHenries (nH)** | | **Tolerance** | J | **±5%** | | **Termination** | S | Gold or Solder finish (Standard SMD termination) | --- ### 2. Technical Specifications These components are designed for stability in high-frequency RF circuits. * **Inductance:** 27 nH * **Tolerance:** ±5% (Tight tolerance for precision circuits) * **Q-Factor (Min):** Usually high (approx. 30-50 at specific frequencies), indicating low energy loss. * **Self-Resonant Frequency (SRF):** Typically very high (above 2000 MHz), allowing use in GHz range applications. * **DC Resistance (DCR):** Very low (measured in Ohms), minimizing heat generation. * **Current Rating:** Rated for specific DC current (Idc) before saturation or overheating occurs. --- ### 3. Physical Characteristics * **Package Type:** Surface Mount Device (SMD). * **Core Material:** Often ceramic (non-magnetic) to ensure high Q and high SRF. * **Size:** Compact footprint (often 0805 or 1008 size equivalents depending on the specific series datasheet). --- ### 4. Common Applications Due to its low inductance and high precision, the 103R-270JS is used in: 1. **RF Tranceivers:** Tuning and matching networks. 2. **Wireless Communication:** WiFi, Bluetooth, and cellular signal filtering. 3. **High-Speed Oscillators:** Frequency generation circuits. 4. **Satellite Equipment:** Signal processing where space and precision are critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 103R-270JS?
    • ⤷ How does a ceramic core compare to a ferrite core in inductors?
    • ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?