10AP-310-R
AI

The **10AP-310-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Profile Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls where a physical "click" feedback is required in a small footprint.
---
### 1. Key Technical Specifications
The following table outlines the general technical characteristics of the 10AP-310-R series:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Actuation Force** | 160gf to 260gf (varies by sub-model) |
| **Operating Life** | 100,000 to 500,000 cycles |
| **Contact Rating** | 50mA @ 12V DC |
| **Dimensions** | Approx. 3.0mm x 2.0mm or 4.5mm x 4.5mm (Series dependent) |
| **Travel Distance** | 0.15mm - 0.25mm |
---
### 2. Functional Components
The "10AP" series construction consists of four primary internal parts:
1. **The Cover:** Usually made of stainless steel or high-temperature plastic to protect the internal dome.
2. **The Actuator (Stem):** The part the user presses. In the 310-R model, this is usually a low-profile or "flush" actuator to save vertical space.
3. **The Contact Dome:** A metallic snap-dome that provides the tactile "click" and completes the electrical circuit when compressed.
4. **The Base/Terminals:** High-temperature plastic base with silver-plated or gold-plated leads for soldering onto a PCB.
---
### 3. Common Applications
Due to its small size and reliability, the 10AP-310-R is commonly found in:
* **Mobile Devices:** Volume rockers or power buttons.
* **Wearables:** Smartwatches and fitness trackers.
* **Medical Devices:** Portable handheld diagnostic tools.
* **Automotive:** Key fobs and dashboard control buttons.
---
### 4. Implementation Example
When designing a circuit with this switch, a simple pull-up resistor configuration is typically used to interface with a Microcontroller (MCU).
```cpp
// Example: Basic Arduino code for a Tactile Switch input
const int switchPin = 2; // Pin connected to 10AP-310-R
void setup() {
pinMode(switchPin, INPUT_PULLUP); // Use internal pull-up resistor
Serial.begin(9600);
}
void loop() {
int buttonState = digitalRead(switchPin);
if (buttonState == LOW) {
Serial.println("Switch Pressed!");
delay(200); // Simple debouncing
}
}
```
- ⤷
What are the specific dimensions and footprint for the 10AP-310-R?
- ⤷ What is the recommended soldering temperature profile for this SMD component?
- ⤷ How does the 'R' suffix in the part number affect the packaging (e.g.
- ⤷ Tape and Reel)?