AI

The **10AP-311-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Profile Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls where space is limited but tactile feedback is required.
---
### Technical Specifications
Below are the general technical parameters associated with this part number:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuation Force** | Usually 160gf to 260gf (varies by sub-series) |
| **Contact Material** | Silver Plated (Standard) |
| **Voltage Rating** | 12V DC (Typical) |
| **Current Rating** | 50mA |
| **Operating Life** | 100,000 to 500,000 cycles |
| **Height** | Low profile (usually < 2.5mm) |
---
### Key Features
1. **Compact Footprint**: Designed for high-density PCB layouts where vertical space is restricted.
2. **Tactile Feedback**: Provides a crisp "click" sensation to the user, confirming that the switch has been successfully actuated.
3. **Reflow Solder Compatible**: The materials used are rated for high-temperature lead-free soldering processes.
4. **Reliability**: Often features a sealed or dust-resistant design to ensure a long operational life in various environments.
### Internal Construction
The "R" suffix typically denotes **Tape & Reel** packaging, suitable for automated pick-and-place assembly machines. Internally, the switch consists of:
* **Actuator (Stem):** The part the user presses.
* **Metal Dome:** Acts as both the spring mechanism and the electrical conductor.
* **Base/Housing:** High-temperature thermoplastic.
* **Terminals:** Leads that connect to the PCB pads.
### Typical Applications
* **Consumer Electronics:** Power buttons on smartphones, volume rockers, and Bluetooth headsets.
* **Computing:** Mouse buttons, reset switches on motherboards.
* **Automotive:** Key fobs, dashboard controls, and steering wheel buttons.
* **Medical:** Portable diagnostic equipment and handheld devices.
---
- ⤷What are the specific dimensions of the 10AP-311-R?
- ⤷ What is the difference between a tactile switch and a push-button switch?
- ⤷ How does the 'R' suffix affect the manufacturing process?