Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10AP-320-R/C01

  • AI
    The **10AP-320-R/C01** is a specialized electronic component, typically identified as an **Encapsulated Vibration Motor** (often referred to as a "pager motor" or "pancake motor"). These are widely used in handheld devices to provide haptic feedback or silent alerts. --- ### 1. Technical Specifications Below are the typical technical parameters for this class of vibration motor: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Cylinder / Encapsulated Vibration Motor | | **Rated Voltage** | 3.0V DC | | **Operating Voltage Range** | 2.5V – 3.5V DC | | **Rated Current** | Max 80mA - 100mA | | **Rated Speed** | 10,000 ± 2,000 RPM | | **Vibration Force** | ~0.8g to 1.0g | | **Termination** | Wire Leads (R/C often denotes Lead/Connector) | | **Operating Temp** | -20°C to +60°C | --- ### 2. Key Features * **Encapsulation:** The "10AP" series is often encased in a plastic or metal housing, making it waterproof or resistant to dust and debris. This is crucial for devices used in outdoor or industrial environments. * **Compact Form Factor:** The "10" usually refers to the diameter (10mm), making it suitable for small electronics where space is a premium. * **Mechanical Eccentricity:** Inside the casing, an asymmetrical weight (eccentric mass) is attached to the motor shaft. As it spins, the displaced center of mass creates the centrifugal force perceived as vibration. * **Ease of Integration:** The "R/C" suffix typically indicates specific lead lengths or a pre-installed connector, allowing for "plug-and-play" assembly on a PCB. --- ### 3. Common Applications 1. **Wearables:** Smartwatches and fitness trackers for haptic notifications. 2. **Medical Devices:** Pagers or handheld diagnostic tools that require silent alerts. 3. **Industrial Handhelds:** Scanners or portable terminals used in noisy warehouses. 4. **Consumer Electronics:** Game controllers or specialized mobile accessories. --- ### 4. Implementation Example (Basic Driving Circuit) To control this motor using a microcontroller (like an Arduino), a transistor or MOSFET is required because the motor's current draw exceeds the GPIO pin limit. ```cpp // Simple code snippet to trigger the vibration motor const int motorPin = 9; // Connected to the base of a transistor void setup() { pinMode(motorPin, OUTPUT); } void loop() { digitalWrite(motorPin, HIGH); // Motor ON delay(500); // Vibrate for 500ms digitalWrite(motorPin, LOW); // Motor OFF delay(2000); // Wait 2 seconds } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a cylinder vibration motor and a coin (pancake) vibration motor?
    • ⤷ Does this motor require a flyback diode in its driving circuit?
    • ⤷ How does the 'g' force rating affect the user's perception of the vibration?