AI

The **10AP-350-R** is a specific electronic component primarily known as a **radial leaded resettable fuse** (also known as a Polymeric Positive Temperature Coefficient or **PPTC** device). These are commonly used for overcurrent protection in various electronic circuits.
---
### 1. Key Technical Specifications
The part number typically follows a standard industry naming convention for PPTC fuses. Below are the estimated specifications based on the "350" series nomenclature:
| Specification | Value (Typical) |
| :--- | :--- |
| **Hold Current ($I_{hold}$)** | 3.50 Amperes |
| **Trip Current ($I_{trip}$)** | 7.00 Amperes |
| **Maximum Voltage ($V_{max}$)** | 16V - 30V (Application dependent) |
| **Maximum Current ($I_{max}$)** | 40A - 100A |
| **Mounting Type** | Through-Hole (Radial Leads) |
| **RoHS Status** | Compliant (Indicated by "-R") |
---
### 2. Physical Characteristics
* **Form Factor:** Small, rectangular, or circular disk coated with flame-retardant epoxy polymer.
* **Terminals:** Two tin-plated radial leads for soldering onto a Printed Circuit Board (PCB).
* **The "-R" Suffix:** Usually denotes **RoHS Compliance** (Lead-free) or, in some manufacturer catalogs, **Tape & Reel** packaging.
---
### 3. Functional Operation
A PPTC device like the 10AP-350-R works differently than a standard one-time fuse:
1. **Normal State:** The device has low resistance, allowing current to flow to the load.
2. **Fault State:** If an overcurrent or short-circuit occurs, the internal polymer heats up rapidly.
3. **Tripped State:** The heat causes the polymer to expand, breaking the conductive paths and increasing resistance dramatically, effectively "opening" the circuit.
4. **Reset State:** Once the power is removed and the fault is cleared, the device cools down, the polymer contracts, and the resistance returns to a low state.
---
### 4. Common Applications
Due to its 3.5A hold current, this part is frequently found in:
* **Computing:** USB port protection and motherboard power rails.
* **Automotive:** Protection for small motors, sensors, and infotainment systems.
* **Battery Packs:** Protecting against external short circuits during discharge.
* **Industrial Controls:** Low-voltage transformers and power supplies.
---
- ⤷
What is the difference between $I_{hold}$ and $I_{trip}$ in this fuse?
- ⤷ How do temperature changes affect the performance of the 10AP-350-R?
- ⤷ Can this PPTC replace a standard glass fuse in all applications?