10AP-651-R
AI

The **10AP-651-R** is a specific electronic component primarily used in power management and distribution, specifically within the category of **High-Frequency Inductors / Surface Mount Devices (SMD)**. It is most commonly associated with the series manufactured by companies like **Coilcraft** or similar power electronics specialists.
Below is a detailed breakdown of its specifications and functionality.
---
### 1. Technical Specifications
The part number typically encodes specific electrical characteristics. Here is the general breakdown for this class of component:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Part Type** | Power Inductor |
| **Inductance** | 0.65 µH (Microhenries) |
| **Current Rating (IDC)** | High Current (Typically >10A) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Resistance (DCR)** | Ultra-low (mΩ range) |
| **RoHS Status** | Compliant (Indicated by "-R") |
---
### 2. Physical Characteristics
* **Shielding:** Most parts in this series are **magnetically shielded**. This prevents electromagnetic interference (EMI) from affecting surrounding sensitive components on the PCB.
* **Core Material:** Usually features a composite or ferrite core designed for high saturation levels, meaning the inductance remains stable even when high current passes through it.
* **Terminations:** Matte tin over copper leads, designed for lead-free reflow soldering.
---
### 3. Key Functions in a Circuit
The 10AP-651-R serves several critical roles in electronic assemblies:
1. **Energy Storage:** In switching regulators (DC-DC converters), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Filtering:** It acts as a low-pass filter to smooth out ripples in output voltage, ensuring a "clean" power supply to CPUs or GPUs.
3. **Current Regulation:** It resists sudden changes in current, protecting the circuit from spikes.
---
### 4. Common Applications
Due to its high current handling and small footprint, it is frequently found in:
* **Voltage Regulator Modules (VRMs):** Found on high-end motherboards and server cards.
* **Laptops and Tablets:** Where space is limited but power demands are high.
* **Graphic Cards (GPUs):** Used in the power phases to handle massive amperage loads.
* **Industrial Power Supplies:** For compact, high-efficiency power conversion.
---
### 5. Identification Guide
* **"10AP":** Usually refers to the physical package size (e.g., 10mm series).
* **"651":** The inductance code. The first two digits (65) are the value, and the third (1) is the multiplier. $65 \times 10^1 = 650nH$ or **0.65µH**.
* **"-R":** Signifies RoHS compliance (Lead-free).
---
- ⤷
What are the equivalent alternative parts for the 10AP-651-R?
- ⤷ How do I calculate the power loss for this inductor in a circuit?
- ⤷ What is the maximum operating temperature for this component?