10AP-G10-R
AI

The **10AP-G10-R** is an electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Resonator**. These parts are foundational in electronics for providing a stable clock signal or frequency reference for microprocessors, microcontrollers, and wireless modules.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the general technical parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Quartz Crystal Resonator |
| **Frequency** | 10.000 MHz (Standard for '10' prefix) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package Size** | Often 3.2mm x 2.5mm or 5.0mm x 3.2mm |
| **Load Capacitance ($C_L$)** | Typically 10pF to 20pF |
| **Frequency Tolerance** | ±10ppm to ±30ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Indicated by '-R') |
---
### 2. Breakdown of the Part Number
While specific manufacturers (like *Hosonic* or *TXC*) may have slight variations, the alphanumeric code generally breaks down as follows:
* **10**: Refers to the fundamental frequency (10.000 MHz).
* **AP**: Often designates the specific series or physical package dimensions.
* **G**: Usually represents the frequency stability or operating temperature range code.
* **10**: Can refer to the Load Capacitance ($C_L$) value (e.g., 10pF).
* **R**: Generally signifies **RoHS Compliance** or **Tape & Reel** packaging.
---
### 3. Common Applications
This specific frequency (10 MHz) is widely used in various electronic circuits:
1. **Microcontrollers:** Acts as the external heart rate for MCUs that require precise timing.
2. **Communication:** Used in RF modules and Bluetooth/Wi-Fi peripherals for signal synchronization.
3. **Automotive:** Found in ECU units and infotainment systems due to high stability.
4. **Consumer Electronics:** Used in cameras, smart meters, and home automation hubs.
---
### 4. Circuit Diagram Representation
In a typical Pierce Oscillator circuit, the 10AP-G10-R is connected as follows:
```mermaid
graph LR
A[MCU_XTAL_IN] --- B(Crystal 10MHz)
B --- C[MCU_XTAL_OUT]
B --- D[Load Cap 1]
B --- E[Load Cap 2]
D --- GND
E --- GND
```
---
- ⤷What are the equivalent alternatives for the 10AP-G10-R from other manufacturers?
- ⤷ How do I calculate the correct load capacitors for this 10MHz crystal?
- ⤷ What is the physical footprint size in millimeters for this specific part?