10GENG3CW3C-R
AI

The part number **10GENG3CW3C-R** refers to a high-performance, three-phase AC Power Line Filter manufactured by **Delta Electronics**. These components are critical in industrial and medical environments to reduce Electromagnetic Interference (EMI) and ensure electromagnetic compatibility (EMC).
---
## Technical Specifications
The following table breaks down the core technical attributes of the 10GENG3CW3C-R:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Delta Electronics |
| **Filter Type** | Three-Phase AC Line Filter |
| **Current Rating** | 10 Amperes |
| **Voltage Rating** | 250V / 440V AC |
| **Operating Frequency** | 50/60 Hz |
| **Termination Style** | Wire Leads / Studs (variant dependent) |
| **Leakage Current** | High performance (Low leakage options usually available) |
| **Mounting Type** | Chassis Mount |
---
## Key Features
### 1. EMI/RFI Suppression
This filter is designed to suppress both **common mode** and **differential mode** noise. It prevents electrical noise generated by high-speed switching devices (like motor drives or power supplies) from leaking back into the main power grid.
### 2. Three-Phase Compatibility
The "G" series is specifically engineered for three-phase applications. It manages the interference across all three power lines, ensuring stability in heavy-duty machinery.
### 3. Compact Engineering
The "GEN" series from Delta is known for its space-saving design, allowing it to be integrated into tight control panels or medical equipment racks without sacrificing filtering efficiency.
---
## Common Applications
* **Industrial Automation:** Used in Variable Frequency Drives (VFDs) and PLC systems to prevent data corruption from electrical noise.
* **Medical Equipment:** High-sensitivity diagnostic tools that require a clean power signal to operate accurately.
* **Telecommunications:** Protection for base stations and large-scale networking hardware.
* **Renewable Energy:** Filtering for solar inverters and wind turbine control systems.
---
## Safety and Compliance
The suffix **-R** typically indicates **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead or mercury. It generally meets international safety standards such as UL, CSA, and VDE.
- ⤷What is the difference between common mode and differential mode noise in power filters?
- ⤷ How do I calculate the correct current rating for a three-phase filter?
- ⤷ Does Delta Electronics offer a medical-grade version of the GEN series?