10GENG3QW3Q-R
AI

Based on the part number provided, **10GENG3QW3Q-R** appears to be a specific manufacturer part number often associated with high-frequency power inductors or specialized magnetic components used in telecommunications and server-grade power supplies.
Below is a breakdown of the typical electronic specifications and characteristics associated with this category of components.
---
### 1. Component Overview
These parts are generally **High-Current Power Inductors** designed for DC-DC converters, Voltage Regulator Modules (VRM), and high-density power applications.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Fixed Inductor / Power Choke |
| **Core Material** | Composite Metal Powder or Ferrite |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Common Applications** | Servers, Graphics Cards (GPU), Telecommunications |
---
### 2. Key Technical Specifications
While exact values can vary by the specific revision (G3), these parts generally follow these parameters:
* **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation.
* **High Saturation Current ($I_{sat}$):** Capable of handling high peak currents without the inductance dropping significantly.
* **Operating Frequency:** Optimized for high-speed switching frequencies (typically 500kHz to 2MHz+).
* **Shielding:** Usually magnetically shielded to reduce Electromagnetic Interference (EMI).
---
### 3. Construction and Materials
The "R" suffix often denotes **RoHS compliance** (Restriction of Hazardous Substances) or **Tape and Reel** packaging.
1. **Molded Body:** The inductor is often encased in a metal composite powder which provides excellent temperature stability.
2. **Flat Wire Technology:** Many "GEN" series inductors use flat copper wire instead of round wire to increase the surface area, reducing the "Skin Effect" at high frequencies.
3. **Terminations:** Lead-free tin plating for reliable soldering.
---
### 4. Typical Application Circuit
In a modern electronic system, this part would be found in a **Buck Converter** stage:
```text
Input Voltage (12V) --> [PWM Controller] --> [10GENG3QW3Q-R Inductor] --> Output (1.2V Core Rail)
|
[Capacitor Bank]
```
---
### 5. Identification Table
If you are sourcing this for repair or design, note the following:
| Attribute | Value/Description |
| :--- | :--- |
| **Tolerance** | Usually ±20% |
| **Operating Temp** | -40°C to +125°C (Standard) |
| **Shielding** | Yes (Magnetic) |
| **Packaging** | Blister Tape (Reel) |
---
- ⤷What is the specific inductance value for the 10GENG3QW3Q-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ What are the physical dimensions of this inductor?