10JF-660-R
AI

The **10JF-660-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized passive component, often manufactured by companies like **Sumida** or similar high-quality inductor producers.
Below is a detailed breakdown of its specifications, construction, and typical use cases.
---
## 1. Technical Specifications
The part number follows a standard nomenclature used for power inductors. While specific manufacturer datasheets should be consulted for precise tolerances, the general parameters for this series are:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Power Inductor (SMD) |
| **Inductance Value** | 660 $\mu$H (Microhenries) |
| **Tolerance** | $\pm$10% to $\pm$20% (Standard for "JF" series) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Material Core** | Ferrite Core |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
## 2. Key Features
The "10JF" series is designed for reliability in power management circuits.
* **Compact Footprint:** Designed for high-density PCB layouts where vertical space and board area are limited.
* **High Impedance:** Due to the 660 $\mu$H rating, it is effective at filtering lower frequency noise.
* **Low DC Resistance (DCR):** Engineered to minimize power loss and heat generation during operation.
* **Shielding:** Many components in this class are magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components.
---
## 3. Applications
Inductors with a value of 660 $\mu$H are typically found in power conversion and signal conditioning circuits:
### Power Management
* **DC-DC Converters:** Used for energy storage in switching regulators.
* **Voltage Regulation:** Helps smooth the output voltage in power supply modules.
### Signal Filtering
* **EMI/RFI Suppression:** Used in "LC" filters to block high-frequency noise in power lines.
* **Decoupling:** Prevents noise from one part of a circuit from affecting another.
### Consumer Electronics
* Used in LED drivers, telecommunications equipment, and portable industrial devices.
---
## 4. Part Number Breakdown
The code can generally be interpreted as follows:
| Segment | Meaning |
| :--- | :--- |
| **10JF** | Series/Case Size designation (Physical dimensions). |
| **660** | Inductance value (66 followed by 0 zeros = 660 $\mu$H). |
| **-R** | RoHS Compliant / Lead-Free. |
---
- ⤷
What are the physical dimensions of the 10JF series package?
- ⤷ What is the maximum current rating (Irms) for the 10JF-660-R?
- ⤷ Are there specific alternative parts with lower DC resistance?