10JR-36-R
AI

The **10JR-36-R** is a specific electronic component, typically categorized as a **Wirewound Precision Resistor**. It is part of a series often manufactured by companies like Ohmite or similar industrial component suppliers.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Component Specifications
The nomenclature "10JR-36-R" usually follows a specific coding standard for power resistors:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Wirewound Resistor | Constructed by winding metal wire on an insulating core. |
| **Resistance Value** | 0.36 $\Omega$ | The "36" indicates the numerical value, often with a multiplier. |
| **Power Rating** | 10 Watts | Capable of dissipating 10W of heat under standard conditions. |
| **Tolerance** | ±5% (Typical) | Standard tolerance for the "J" series designation. |
| **RoHS Status** | Compliant (-R) | The suffix "-R" usually indicates lead-free/RoHS compliance. |
### 2. Physical Construction
* **Core:** Usually a ceramic or alumina core for high thermal stability.
* **Winding:** A resistive alloy wire (like Nichrome) is wound around the core.
* **Coating:** Typically encapsulated in a vitreous enamel or silicone ceramic coating to protect against moisture and oxidation.
* **Mounting:** Axial leads (meant to be soldered through holes in a PCB or mounted via terminals).
### 3. Key Applications
Because of its high power rating (10W) and wirewound nature, the 10JR-36-R is used in specific circuit scenarios:
1. **Current Sensing:** Low resistance values (0.36 Ohms) are ideal for measuring current flow by monitoring the voltage drop across the resistor.
2. **Inrush Current Limiting:** Used to protect circuits from spikes when power is first applied.
3. **Braking Resistors:** Used in small motor control circuits to dissipate kinetic energy.
4. **Voltage Division:** In high-power power supply units (PSUs).
---
### 4. Comparison: Wirewound vs. Metal Film
| Feature | Wirewound (10JR-36-R) | Metal Film |
| :--- | :--- | :--- |
| **Power Handling** | Very High | Low to Medium |
| **Inductance** | Higher (due to coils) | Very Low |
| **Stability** | Excellent at high temps | Moderate |
| **Pulse Handling** | Excellent | Poor |
- ⤷
What is the maximum operating temperature for the 10JR series?
- ⤷ How does the inductance of a wirewound resistor affect high-frequency circuits?
- ⤷ Can I use two 0.18 ohm resistors in series to replace this part?