AI

The **10JR-3A-R** is a specific model of a **magnetic proximity sensor** or **reed switch**, typically manufactured by companies like **Aleph** or used in industrial security and automation systems.
Below is a detailed breakdown of its electronic components, specifications, and functions.
---
### 1. Technical Specifications
This part is designed as a non-contact switch that reacts to the presence of a magnetic field.
| Property | Description |
| :--- | :--- |
| **Component Type** | Magnetic Reed Switch / Proximity Sensor |
| **Contact Form** | Form A (Normally Open - NO) |
| **Switching Voltage** | Usually up to 100V DC (max) |
| **Switching Current** | 0.5A (Typical range) |
| **Contact Capacity** | 10VA (Volt-Amperes) |
| **Housing Material** | High-grade Plastic or Resin (Rh-plated contacts) |
| **Connection Type** | Wired (Lead wires) |
---
### 2. Internal Parts and Construction
The "electronic" nature of this part is passive, meaning it does not require power to operate, but rather responds to external physical forces (magnetism).
* **The Reed Switch:** Inside the plastic housing are two ferromagnetic blades (reeds) sealed in a glass envelope.
* **Contact Plating:** The tips of the reeds are often plated with **Rhodium (Rh)** or **Ruthenium**. This provides high durability against electrical arcing and ensures a long lifecycle (millions of operations).
* **The Housing:** The "10JR" series usually features a threaded or flange-mount cylindrical body, protecting the fragile glass reed from mechanical shock and environmental moisture.
* **Encapsulation:** The internal cavity is filled with epoxy resin to provide insulation and vibration resistance.
---
### 3. Part Number Decoding (Typical)
While naming conventions can vary slightly by manufacturer, the code usually breaks down as follows:
1. **10:** Often refers to the physical size or the sensitivity range (Pull-in Ampere Turns).
2. **JR:** Indicates the series (Jumbo/Standard Reed or specific mounting style).
3. **3A:** Refers to the contact configuration (e.g., Form A, SPST).
4. **R:** Typically stands for **RoHS Compliant**, meaning it is free from hazardous substances like lead.
---
### 4. Common Applications
Because the 10JR-3A-R is hermetically sealed, it is ideal for harsh environments where dust, oil, or water might interfere with standard mechanical switches.
* **Security Systems:** Door and window position sensors.
* **Industrial Automation:** Limit switching for hydraulic cylinders or robotic arms.
* **Automotive:** Liquid level sensing (when used with a magnetic float).
* **Appliances:** Detecting if a lid or safety guard is closed.
---
- ⤷
What is the maximum operating distance for the 10JR-3A-R sensor?
- ⤷ Can this sensor be used for AC voltage applications?
- ⤷ What is the difference between Form A and Form C reed switches?