10LCK-230-R
AI

The part number **10LCK-230-R** typically refers to a **Power Line Filter** (EMI/RFI Filter), specifically designed to suppress electromagnetic interference in electrical equipment.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
This component is an AC power line filter, often used to clean "noisy" electricity before it reaches sensitive electronic components.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | EMI / RFI Power Line Filter |
| **Rated Voltage** | 115V / 250V AC |
| **Rated Current** | 10 Amperes |
| **Operating Frequency** | 50 / 60 Hz |
| **Termination Style** | Solder Lugs / Quick Connect Terminals |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Part Number Breakdown
The nomenclature can be interpreted as follows:
* **10:** Represents the current rating (10 Amps).
* **LCK:** Refers to the series design (High-performance, general-purpose filtering).
* **230:** Often indicates the voltage rating or specific mechanical configuration.
* **-R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Electronic Functionality
The 10LCK-230-R is a passive electronic device that contains a network of inductors and capacitors (often called a **Pi-filter** or **LC circuit**).
* **Common Mode Filtering:** It suppresses noise that occurs between the power lines (Live/Neutral) and the ground.
* **Differential Mode Filtering:** It suppresses noise occurring between the Live and Neutral lines themselves.
* **Insertion Loss:** It is designed to provide high attenuation (reduction) of high-frequency signals while allowing the 50/60Hz power signal to pass through with minimal resistance.
---
### 4. Common Applications
These filters are found in industrial and consumer electronics where stable power is critical:
1. **Switching Power Supplies:** To prevent high-frequency switching noise from leaking back into the grid.
2. **Medical Equipment:** To ensure electromagnetic compatibility (EMC) in sensitive environments.
3. **Industrial Automation:** Protecting PLCs and controllers from industrial electrical noise.
4. **Audio/Video Gear:** Reducing "hum" or visual artifacts caused by line interference.
---
### 5. Schematic Representation
While internal values vary, the typical circuit follows this logic:
```mermaid
graph LR
Line_In --> Inductor1
Neutral_In --> Inductor2
Inductor1 --> Cap1[X-Capacitor]
Inductor2 --> Cap1
Inductor1 --> Cap2[Y-Capacitor]
Inductor2 --> Cap3[Y-Capacitor]
Cap2 --> Ground
Cap3 --> Ground
Inductor1 --> Line_Out
Inductor2 --> Neutral_Out
```
- ⤷
What is the difference between Common Mode and Differential Mode noise?
- ⤷ How do I choose the correct amperage for an EMI filter?
- ⤷ What are the mounting requirements for the 10LCK-230-R?