10MK-B0-R
AI

The part number **10MK-B0-R** typically refers to a **10 Gigabit Ethernet (10GbE) SFP+ Optical Transceiver module**, often associated with networking hardware manufacturers or third-party compatible suppliers (such as those used in server/storage environments like Dell, HP, or specialized industrial equipment).
Below is a breakdown of the technical specifications and characteristics of this electronic component.
---
### 1. Technical Specifications
This module is designed for high-speed data transmission over fiber optic cabling.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) |
| **Data Rate** | 10.3 Gbps (10 Gigabit Ethernet) |
| **Media Type** | Multi-Mode Fiber (MMF) |
| **Connector Type** | Dual LC Connector |
| **Wavelength** | 850 nm |
| **Max Distance** | Up to 300 meters (on OM3 fiber) |
| **Operating Voltage** | 3.3V |
| **Compliances** | RoHS, IEEE 802.3ae, SFF-8431 |
---
### 2. Key Internal Components
The "Electronic Parts" within this module consist of several high-precision sub-assemblies:
* **TOSA (Transmitter Optical Sub-Assembly):** Contains a **VCSEL (Vertical-Cavity Surface-Emitting Laser)** which converts electrical signals into light pulses at 850nm.
* **ROSA (Receiver Optical Sub-Assembly):** Contains a **PIN Photodiode** and a **TIA (Transimpedance Amplifier)** to convert incoming light back into electrical signals.
* **Laser Driver:** An integrated circuit (IC) that controls the laser's modulation and bias current.
* **Limiting Amplifier:** Restores the electrical signal from the ROSA to logic-level swings for the host system.
* **EEPROM:** A memory chip that stores identification data (vendor name, serial number, part number) so the switch/router can recognize the module.
* **DDM/DOM Hardware:** Digital Diagnostic Monitoring circuitry that tracks real-time parameters like temperature, voltage, and optical power.
---
### 3. Part Number Suffix Meaning
In many electronic component naming conventions:
* **10M:** Usually indicates the 10 Gigabit speed or Multi-mode capability.
* **-R:** Generally stands for **RoHS Compliant** (Restriction of Hazardous Substances), indicating the part is lead-free and environmentally friendly.
### 4. Application Use Cases
* **Data Centers:** Connecting servers to top-of-rack switches.
* **Enterprise Networking:** High-speed uplinks between floors or buildings within 300 meters.
* **Storage Area Networks (SAN):** Used in high-speed storage arrays.
---
- ⤷
What is the difference between SFP and SFP+ in terms of physical compatibility?
- ⤷ How does OM3 vs OM4 fiber affect the maximum distance of this module?
- ⤷ Can this module be used in a 1Gbps SFP port?