Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10MK-F6-R

  • AI
    The part number **10MK-F6-R** typically refers to a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, often associated with manufacturers like *Lelon* or *Panasonic* (depending on specific series prefixes). Based on standard industry nomenclature for this part number, here is the technical breakdown: ### 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 10 $\mu$F | The energy storage capacity. | | **Voltage Rating** | 50V - 63V (Typical) | The maximum operating voltage (Series dependent). | | **Case Size Code** | F6 | Indicates a physical dimension of approx. **6.3mm x 6.0mm**. | | **Mounting Type** | SMD / SMT | Designed for automated surface mount soldering. | | **Packaging** | -R (Tape & Reel) | Supplied on a reel for pick-and-place machines. | | **Electrolyte** | Liquid Aluminum | Standard electrolytic construction. | --- ### 2. Part Number Breakdown * **10**: Represents the capacitance value (10 microfarads). * **MK**: Often designates the **Series**. For many manufacturers, the "MK" series features a wide temperature range (-55°C to +105°C) and high reliability. * **F6**: This is the **Size Code**. In the standard SMD capacitor chart: * **Diameter**: 6.3 mm * **Height**: 5.8 mm to 6.0 mm * **-R**: Indicates the packaging format, specifically **Reel**. --- ### 3. Key Applications These capacitors are general-purpose components found in various electronic circuits: * **Filtering:** Removing noise from DC power supply lines. * **Decoupling:** Providing a local energy reservoir for integrated circuits (ICs). * **Bypassing:** Shunting AC signals to ground in analog circuits. * **Consumer Electronics:** Used in LED drivers, power adapters, and motherboard peripherals. --- ### 4. Handling and Soldering * **Polarity:** As an electrolytic capacitor, it is **polarized**. The top of the can usually has a black or colored mark indicating the **Negative (-)** terminal. * **Reflow Soldering:** Designed to withstand standard lead-free reflow profiles, typically peaking around 245°C to 260°C. * **Shelf Life:** Electrolytic capacitors have a limited shelf life; if stored for more than 1-2 years without use, they may require "reforming" (gradual voltage application).
    ✨ Follow-up Questions
    • ⤷What is the ripple current rating for this specific F6 case size?
    • ⤷ Are there low-ESR alternatives for the 10MK series?
    • ⤷ How do I identify the negative terminal on an SMD aluminum capacitor?