10PA-1F6-R
AI

The **10PA-1F6-R** is a specific electronic component, typically categorized as a **Terminal Block** or **Connector Accessory**, often associated with industrial automation and control systems (frequently used in Omron or similar PLC/Relay interface modules).
---
### ## Technical Specifications
The following table outlines the general characteristics of the 10PA-1F6-R series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Terminal Block / Connector Unit |
| **Number of Pins/Points** | 10 Positions (typical for "10PA" prefix) |
| **Mounting Type** | DIN Rail or Panel Mount |
| **Connection Method** | Screw or Push-in (Model dependent) |
| **Material** | Polyamide (Nylon) Housing |
| **Compliance** | RoHS Compliant |
---
### ## Key Features
* **Modular Design:** These parts are designed to be "snapped" together or mounted on standard rails to organize wiring in electrical cabinets.
* **Durability:** Built to withstand industrial environments, featuring high vibration resistance and flame-retardant plastics.
* **Easy Identification:** Often includes slots for marking strips to label wire functions, reducing maintenance errors.
* **Standard Pitch:** Usually follows standard industrial spacing (e.g., 5.0mm or 7.5mm) to ensure compatibility with interface cables.
### ## Common Applications
1. **PLC Interfacing:** Connecting internal control logic to external field devices (sensors, actuators).
2. **Relay Ganging:** Providing a common distribution point for power or ground signals.
3. **Control Panels:** Used as a transition point between thick external field wiring and sensitive internal electronics.
---
### ## Cross-Reference & Identification
When searching for this part, it is often found under the following categories in distributor catalogs (like Digi-Key or Mouser):
* **Connectors:** Terminal Blocks - Interface Modules.
* **Accessories:** Marker strips or end brackets designed specifically for the 10PA footprint.
- ⤷
What is the exact pin spacing (pitch) for the 10PA-1F6-R?
- ⤷ Is this component compatible with standard 35mm DIN rails?
- ⤷ What is the maximum voltage and current rating for this specific model?