Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10PP-140-R

  • AI
    The **10PP-140-R** is a specific precision electronic component typically associated with **Potentiometers** (variable resistors), often utilized in industrial automation, medical equipment, and aerospace applications. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. General Specifications The "10PP" series usually refers to a 10-turn precision potentiometer with a plastic housing or specific mounting style. | Feature | Description | | :--- | :--- | | **Component Type** | Multi-turn Precision Potentiometer | | **Rotation** | 10-Turn (3600°) | | **Resistance Range** | Commonly 100 $\Omega$ to 100k $\Omega$ (specific to sub-models) | | **Tolerance** | ±5% (Standard) | | **Power Rating** | Approximately 2.0 Watts at 70°C | | **Linearity** | ±0.25% | --- ### 2. Key Electronic Parts & Construction The 10PP-140-R consists of several internal layers and mechanical parts that allow for high-accuracy voltage division: * **Resistive Element:** Usually a wirewound element or a hybrid conductive plastic layer. The "140" in the model number often relates to the specific resistance taper or physical length of the winding. * **Wiper Assembly:** A precious metal contact brush that moves along the resistive element to vary the resistance. * **Reduction Gearing:** Since it is a 10-turn pot, it contains an internal helical track that allows the wiper to travel several full rotations for fine-tuned adjustments. * **Terminals:** Three gold-plated or solder-dipped terminals: 1. Input (High) 2. Wiper (Output) 3. Ground (Low) --- ### 3. Application Use Cases Because of the "R" suffix (often denoting "Ruggedized" or a specific "Rear-mount" configuration), this part is found in: 1. **Calibration Circuits:** Used where a user needs to set a very precise voltage reference that shouldn't drift. 2. **Control Panels:** Manual interface for adjusting motor speeds or temperature setpoints. 3. **Position Sensing:** Acting as a feedback sensor to tell a controller the exact position of a mechanical arm. --- ### 4. Technical Diagram (Simplified) ```text [Terminal 1] ----( Fixed Resistance )---- [Terminal 3] ^ | [Terminal 2] (Wiper) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value for the 140-R variant?
    • ⤷ Can this potentiometer be used in high-vibration environments?
    • ⤷ What are the physical mounting dimensions for the 10PP series?