10PP-180-R
AI

The **10PP-180-R** is a high-performance **Linear Translation Stage** manufactured by **Newport Corporation**. It is part of the 10PP series, designed for precision motion control in laboratory and industrial automation environments.
### 1. Core Technical Specifications
The following table highlights the primary electronic and mechanical characteristics of the 10PP-180-R:
| Parameter | Specification |
| :--- | :--- |
| **Travel Range** | 180 mm |
| **Drive Mechanism** | Precision Ground Lead Screw |
| **Motor Type** | 2-Phase Stepper Motor |
| **Step Angle** | 1.8° (Standard) |
| **Resolution** | 0.1 µm (with 1/100 microstepping) |
| **Maximum Speed** | 20 mm/s |
| **Load Capacity** | 100 N (Horizontal) / 20 N (Vertical) |
---
### 2. Key Electronic Components
#### A. Stepper Motor (2-Phase)
The unit is driven by a bipolar stepper motor. Unlike DC motors, these provide open-loop positioning without the absolute necessity of an encoder, as the position is tracked by counting pulses (steps) sent by the controller.
#### B. Integrated Limit Switches
The "R" in the model name often refers to the inclusion of **Optical Limit Switches**.
* **Purpose:** These sensors prevent the stage from over-traveling and causing mechanical damage.
* **Function:** One switch defines the "Home" (Zero) position, while others act as "End-of-Travel" stops.
#### C. Connector Interface
The stage typically utilizes a **DB15 (D-Sub 15-pin)** male connector. This interface carries:
1. **Phase Leads:** Power lines for the A and B motor coils.
2. **Sensor Power:** Usually +5V or +12V DC for the limit switches.
3. **Signal Lines:** Output signals from the limit and home switches.
---
### 3. Compatible Controllers
To operate the 10PP-180-R, a motion controller/driver is required to translate software commands into electrical pulses.
* **Newport ESP Series:** (e.g., ESP301) Offers plug-and-play compatibility via the "ESP" auto-configuration feature.
* **Newport SMC100 Series:** A compact, single-axis controller option.
* **Third-Party Drivers:** Standard bipolar stepper drivers (like those from Leadshine or Trinamic) can be used, provided the wiring pinout is correctly mapped.
---
### 4. Wiring Diagram Overview (Typical DB15)
*Note: Always verify with the specific Newport manual for your serial number.*
```text
Pin 1-2: Motor Phase A
Pin 3-4: Motor Phase B
Pin 5: Ground
Pin 6: Negative Limit Switch
Pin 7: Positive Limit Switch
Pin 8: Home Switch
Pin 9: +5V DC (Switch Power)
```
- ⤷
What is the specific pinout for the DB15 connector on the 10PP series?
- ⤷ How do I calculate the microstepping resolution for this stage?
- ⤷ Is there a compatible DC motor version of this translation stage?