Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10PP-222-R

  • AI
    The **10PP-222-R** refers to a high-precision, panel-mount wirewound potentiometer, typically manufactured by brands like **Vishay Spectrol** or **TE Connectivity**. This component is designed for industrial control applications where durability and precise manual adjustment are required. --- ### 1. Key Technical Specifications Below is a breakdown of the typical technical parameters for the 10PP series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Precision Potentiometer | | **Technology** | Wirewound | | **Resistance Value** | 2.2k Ohms (indicated by the "222" code) | | **Number of Turns** | Single-Turn (1-Turn) | | **Power Rating** | ~1.0 to 1.5 Watts at 40°C | | **Resistance Tolerance** | ±5% (standard) | | **Linearity** | ±0.5% (standard) | | **Shaft Diameter** | 1/4 inch (approx. 6.35 mm) | --- ### 2. Part Number Breakdown The nomenclature for this part usually follows this logic: * **10PP**: The series designation, indicating a standard industrial 1-turn wirewound model. * **222**: The resistance code. * `22` = The first two digits of the value. * `2` = The number of zeros following. * Result: `22` + `00` = **2200 Ohms (2.2kΩ)**. * **R**: Often denotes compliance (such as **RoHS** compliant) or specific shaft/bushing configurations. --- ### 3. Construction and Use Cases #### Physical Build * **Wirewound Element:** The internal resistance track is made of a fine alloy wire wound around a ceramic or plastic mandrel. This allows for high power dissipation compared to carbon film potentiometers. * **Housing:** Usually metal or high-grade thermoset plastic for industrial ruggedness. * **Terminals:** Gold or silver-plated solder lugs for secure electrical connections. #### Typical Applications 1. **Industrial Controls:** Used as a set-point controller for motor speeds or temperature settings. 2. **Calibration:** Ideal for circuits requiring semi-permanent adjustments that must remain stable over time. 3. **Medical Equipment:** High reliability and linear response make it suitable for diagnostic interface panels. 4. **Test & Measurement:** Found in laboratory power supplies for fine voltage/current tuning. --- ### 4. Sample Integration Code If you are using this potentiometer with a microcontroller (like an Arduino) to read a position, you would use an Analog-to-Digital Converter (ADC) setup: ```cpp const int potPin = A0; // Potentiometer middle lug connected to A0 int potValue = 0; // Variable to store the read value void setup() { Serial.begin(9600); } void loop() { // Read the voltage (0-5V) as a digital value (0-1023) potValue = analogRead(potPin); // Convert the reading back to a rough resistance or percentage float percentage = (potValue / 1023.0) * 100; Serial.print("Position: "); Serial.print(percentage); Serial.println("%"); delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between wirewound and carbon film potentiometers in terms of lifespan?
    • ⤷ How do I calculate the maximum current allowed through the 10PP-222-R?
    • ⤷ Are there multi-turn versions of the 10PP series for higher precision?