10PV-520-R
AI

The **10PV-520-R** is a specific electronic component typically identified as a **Micro Diaphragm Vacuum/Air Pump**. These are commonly used in medical devices, consumer electronics, and automated systems for gas circulation or suction.
---
### 1. Key Technical Specifications
While exact specifications can vary slightly by manufacturer (often produced by brands like **Topsflo** or specialized micro-pump factories), the part number breakdown generally follows this profile:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Operating Voltage** | 12V DC (Standard) |
| **Flow Rate** | ~0.8 to 1.5 Liters per Minute (LPM) |
| **Max Pressure** | ~80 - 100 kPa |
| **Max Vacuum** | ~ -40 to -50 kPa |
| **Current Consumption** | 200mA - 450mA (Load dependent) |
| **Motor Type** | Brushed DC Motor |
---
### 2. Internal Electronic Components
The "electronics" of the 10PV-520-R consist of three primary functional areas:
#### A. The DC Motor
* **Armature & Brushes:** The core is a standard 370-series or 520-series brushed DC motor. It converts electrical energy into mechanical rotation.
* **Commutator:** Responsible for reversing the current direction to maintain continuous rotation.
#### B. The Pumping Mechanism (Mechanical-Electronic Interface)
* **Eccentric Wheel:** Attached to the motor shaft, it converts rotary motion into linear reciprocating motion.
* **Diaphragm:** A flexible rubber/silicone membrane that moves up and down to create pressure differentials.
#### C. Connectivity & Protection
* **Terminals:** Usually features two solder tabs (Positive/Negative).
* **Suppression (Optional):** Some variants include a small **Ceramic Capacitor** (e.g., 0.1µF) soldered across the terminals to reduce Electromagnetic Interference (EMI) caused by brush sparking.
---
### 3. Usage & Implementation
To control this part electronically, you cannot simply plug it into a microcontroller (like Arduino) directly due to the current draw.
```cpp
// Example: Basic Control Logic using a Transistor/MOSFET
void setup() {
pinMode(9, OUTPUT); // Connected to Gate of MOSFET
}
void loop() {
analogWrite(9, 255); // Pump ON (Full Speed)
delay(5000);
analogWrite(9, 0); // Pump OFF
delay(5000);
}
```
---
### 4. Common Applications
* **Blood Pressure Monitors:** For inflating the arm cuff.
* **Aromatherapy Diffusers:** For atomizing essential oils.
* **Vacuum Sealing:** Small handheld food vacuum devices.
* **Gas Analysis:** Pulling air samples into a sensor chamber.
- ⤷
What is the maximum continuous runtime for this pump before it overheats?
- ⤷ What type of transistor or MOSFET is recommended for driving a 12V 10PV-520-R?
- ⤷ Can this pump be used for liquids
- ⤷ or is it strictly for air/gas?