10PV-756-R
AI

The **10PV-756-R** is a specific technical designation typically associated with high-performance **Electromagnetic Interference (EMI) / Radio Frequency Interference (RFI) filters**. Specifically, this part number belongs to the **PV Series** of power line filters, often manufactured by brands like **Delta Electronics** or **TE Connectivity (Corcom)**.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Technical Specifications
The alphanumeric code provides insight into the electrical ratings of the component.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Current Rating** | 10 Amperes | Maximum continuous current at rated temperature. |
| **Voltage Rating** | 115/250 VAC | Compatible with standard global AC power grids. |
| **Operating Frequency** | 50/60 Hz | Standard utility frequency range. |
| **Leakage Current** | High/Standard | Designed to suppress noise while maintaining safety limits. |
| **Termination Style** | Fast-on / Solder | Typically uses spade terminals for quick connection. |
| **Mounting** | Flange Mount | Designed to be bolted directly to a chassis. |
---
### 2. Core Electronic Components
Internally, the 10PV-756-R is a **passive network** consisting of several discrete components designed to attenuate electrical noise:
1. **Common Mode Choke (Inductors):** These are wound on a toroidal core to suppress noise common to both the line and neutral wires relative to the ground.
2. **X-Capacitors:** Connected across the line and neutral (Line-to-Line) to suppress differential mode interference.
3. **Y-Capacitors:** Connected between the line/neutral and the ground (Line-to-Ground) to bypass high-frequency noise to the earth.
4. **Bleeder Resistor:** A high-value resistor integrated to discharge the capacitors once power is removed for safety.
---
### 3. Application & Usage
These filters are critical for devices that must comply with international electromagnetic compatibility (EMC) standards (like FCC or CE).
* **Switching Power Supplies (SMPS):** Prevents high-frequency switching noise from feeding back into the main power grid.
* **Industrial Equipment:** Protects sensitive controllers from "dirty" power in factory environments.
* **Medical Devices:** Low-leakage versions are often used to ensure patient safety while maintaining signal integrity.
---
### 4. Circuit Diagram Representation
In a simplified schematic, the filter looks like a multi-stage **Pi ($\pi$)** or **T** filter:
```text
(LINE) L ----- [ Inductor ] ---------- L' (LOAD)
| |
[Cx] [Cy]
| |
(NEUT) N ----- [ Inductor ] ---------- N' (LOAD)
|
(GROUND)
```
---
- ⤷What is the difference between common mode and differential mode noise in these filters?
- ⤷ Can this filter be used in DC applications instead of AC?
- ⤷ What are the specific safety certifications (UL
- ⤷ VDE) for the PV series?