10PV-766-R
AI

Based on the part number **10PV-766-R**, this component is typically associated with **Potentiometers** (specifically precision variable resistors) or **Trimmers** manufactured by companies like Vishay, Spectrol, or similar industrial electronics providers.
Below is an analysis of the electronic characteristics and specifications associated with this series.
---
## 1. Component Overview
The "10PV" series usually refers to a **Multi-turn Precision Potentiometer**. These are designed for applications requiring high resolution and stable resistance settings that do not change easily under vibration or temperature shifts.
### Key Specifications Table
| Feature | Typical Specification |
| :--- | :--- |
| **Component Type** | Precision Wirewound Potentiometer |
| **Number of Turns** | 10-Turn (3600° rotation) |
| **Resistance Range** | Typically 100Ω to 100kΩ (check specific "766" suffix) |
| **Tolerance** | ±5% (Standard) to ±1% (Precision) |
| **Power Rating** | 1.0W to 2.0W at 70°C |
| **Mounting Type** | Panel Mount (Bush Mount) |
| **Termination** | Solder Lugs / Turret Terminals |
---
## 2. Part Number Breakdown
While manufacturer codes vary slightly, the "10PV-766-R" format generally breaks down as follows:
* **10**: Indicates the number of mechanical turns (10 full rotations from minimum to maximum resistance).
* **PV**: Potentiometer Variable / Precision Variable.
* **766**: This is the specific **Model/Series** number. In many industrial catalogs, the "700" series denotes a wirewound element with high linearity.
* **-R**: Indicates **RoHS Compliance** (Lead-free) or specific **Resistance Value** coding depending on the vendor.
---
## 3. Physical & Electrical Characteristics
### Construction
* **Wirewound Element:** The internal resistance is created by winding a fine resistive wire around a ceramic or plastic mandrel. This provides high power handling and low temperature coefficients.
* **Linearity:** These parts usually feature independent linearity of **±0.25%**, meaning the output voltage is extremely proportional to the shaft position.
### Durability
* **Rotational Life:** Often rated for 1,000,000 shaft revolutions.
* **Operating Temperature:** Typically rated from -55°C to +125°C.
---
## 4. Typical Applications
These parts are not found in consumer gadgets but rather in **industrial control systems**:
1. **Medical Equipment:** Adjusting sensitivity on imaging or diagnostic machines.
2. **Avionics:** Calibration of cockpit instrumentation.
3. **Industrial Automation:** Setting motor speed controllers or voltage regulators.
4. **Testing & Measurement:** Used in laboratory-grade power supplies to set precise output values.
---
- ⤷
What is the specific total resistance value for the 766 model code?
- ⤷ Are there digital alternatives to this 10-turn analog potentiometer?
- ⤷ What are the recommended mounting hole dimensions for the 10PV series?