10PV-7C0-R
AI

The part number **10PV-7C0-R** typically refers to a high-voltage, high-reliability **Multi-Layer Ceramic Capacitor (MLCC)**, often manufactured by companies like **Walsin Technology** or similar industrial suppliers. These components are designed for surface-mount applications where space is limited but voltage demands are high.
---
### 1. Part Number Breakdown (Typical)
While nomenclature can vary slightly by manufacturer, the code generally follows this logic:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **10** | Voltage Rating | Often represents 100V or 1000V depending on series scaling. |
| **PV** | Series Code | High Voltage / Low Profile / High Q series. |
| **7C0** | Capacitance/Size | Standard coding for dimensions or specific capacitance value. |
| **R** | Packaging/Tolerance | Usually signifies "RoHS Compliant" or "Tape & Reel" packaging. |
---
### 2. Key Technical Specifications
These parts are engineered for performance in power conversion and signal filtering.
* **Type:** Ceramic Multilayer (MLCC).
* **Mounting:** Surface Mount Device (SMD).
* **Dielectric Material:** Commonly **NPO (C0G)** or **X7R**. NPO provides high stability across temperature changes, while X7R offers higher capacitance density.
* **Voltage Range:** Typically designed for high-voltage circuits (e.g., 100V to 630V range).
* **Termination:** Lead-free (RoHS) compliant, usually Tin (Sn) over Nickel (Ni).
---
### 3. Common Applications
Due to its robust construction, the 10PV-7C0-R series is found in:
1. **Power Supplies:** Used in DC-DC converters and AC-DC adapters for ripple filtering.
2. **Inverters:** Essential for snubbers in solar or automotive power systems.
3. **Lighting:** Electronic ballasts and LED drivers where high-voltage stability is required.
4. **Telecommunications:** Noise suppression in high-frequency transmission lines.
---
### 4. Advantages & Limitations
| Advantages | Limitations |
| :--- | :--- |
| High thermal stability (low ESR/ESL). | Susceptible to mechanical cracking if the PCB flexes. |
| Compact footprint for high-density boards. | Capacitance can drift based on applied DC voltage (if X7R). |
| Excellent high-frequency characteristics. | Sensitive to thermal shock during soldering. |
---
### 5. Handling & Storage
To ensure the longevity of these components:
* **MSL (Moisture Sensitivity Level):** Usually Level 1 (not sensitive), but check the specific datasheet.
* **Soldering:** Reflow soldering is preferred over wave soldering to prevent thermal stress.
- ⤷
What is the exact capacitance value for the 7C0 code in this series?
- ⤷ Are there specific footprint (case size) dimensions for the 10PV-7C0-R?
- ⤷ What are the recommended reflow soldering temperature profiles for this part?