10PV-7D0-R
AI

The **10PV-7D0-R** is a specific electronic component, typically categorized as a **Varistor (Metal Oxide Varistor - MOV)**. These parts are essential for circuit protection against voltage surges and spikes.
Below is a detailed breakdown of its specifications and functions.
---
### 1. Component Specifications
The nomenclature of this part (10PV-7D0-R) follows a standard coding convention for varistors:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | MOV (Metal Oxide Varistor) | Voltage-dependent resistor. |
| **Disk Size** | 7mm (7D) | The diameter of the ceramic disk. |
| **Voltage Rating** | ~10V (Nominal) | The threshold voltage at which the device starts conducting. |
| **Response Time** | < 25 nanoseconds | Fast reaction to protect sensitive ICs. |
| **Termination** | Radial Leaded | Through-hole mounting (wire leads). |
| **RoHS Status** | Compliant (-R) | Indicates lead-free/environmentally friendly materials. |
---
### 2. How it Works
A Varistor functions as a non-linear resistor. Its resistance changes based on the applied voltage:
1. **Normal Conditions:** At standard operating voltages, the device has high resistance (acts like an open circuit).
2. **Surge Event:** When a voltage spike occurs (e.g., lightning or inductive switching), the resistance drops instantly.
3. **Clamping:** The device shunts the excess current to the ground or across the line, "clamping" the voltage to a safe level for the rest of the circuit.
---
### 3. Key Applications
Because of its small size (7mm), this part is commonly found in:
* **Consumer Electronics:** Power supplies for laptops and chargers.
* **Telecommunications:** Protection for data lines.
* **Industrial:** Control boards and PLCs where space is limited.
* **Lighting:** LED driver protection.
---
### 4. Code Block Example: Typical Circuit Placement
In a standard AC/DC power supply, the varistor is placed in parallel across the input lines.
```cpp
// Schematic Logic for Surge Protection
[Line] ----(Fuse)----┬---- [Bridge Rectifier] ----> [Load]
|
[10PV-7D0-R] <-- Protects downstream components
|
[Neutral] -----------┴------------------------------> [Load]
```
---
- ⤷
What is the maximum surge current rating for a 7mm varistor like the 10PV-7D0-R?
- ⤷ What are the primary differences between an MOV and a Zener diode for surge protection?
- ⤷ How do I choose the correct voltage rating for a varistor in a 5V DC circuit?