AI

Based on the nomenclature provided, the part number **10RS-3E-R0-R/C01** appears to correspond to a specific configuration of a **rotary switch** or a **potentiometer with an integrated switch**, commonly used in industrial controls or high-end consumer electronics.
Below is a breakdown of the typical electronic specifications and characteristics associated with this series of components.
---
### 1. General Specifications
These components are typically designed for precision signal switching or volume control.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Rotary Switch / Sealed Potentiometer |
| **Operating Voltage** | Usually rated up to 12V - 24V DC |
| **Current Rating** | 0.1A to 0.5A (Signal level) |
| **Rotation Angle** | Standard 300° or 360° continuous |
| **Life Cycle** | 10,000 to 50,000 cycles |
### 2. Part Number Breakdown (Functional Guess)
While specific manufacturers (like Alps, Noble, or Panasonic) have unique codes, the string follows this general logic:
* **10RS**: Likely refers to the physical size (10mm series) and the "Rotary Switch" category.
* **3E**: Often denotes the number of poles or the specific electrical taper/output type.
* **R0-R**: Usually indicates the resistance value (if a potentiometer) or the "Return to Center" / "Rest" position logic.
* **C01**: Refers to the custom hardware configuration, such as shaft length, mounting style (SMT vs. Through-hole), or terminal plating.
### 3. Key Electronic Characteristics
* **Contact Resistance:** Typically very low (< 50mΩ) to ensure signal integrity.
* **Insulation Resistance:** High (> 100MΩ at 250V DC) to prevent crosstalk between channels.
* **Dielectric Strength:** Capable of withstanding 250V AC for 1 minute.
* **Operating Torque:** Designed with a specific "detent" feel, measured in mN·m (milli-Newton meters), providing tactile feedback to the user.
### 4. Typical Applications
1. **Audio Equipment:** Volume control with an integrated power ON/OFF click.
2. **Instrumentation:** Mode selection for multimeters or laboratory sensors.
3. **Home Appliances:** Setting timers or temperature levels on microwaves and ovens.
4. **Automotive:** Dashboard controls for HVAC or infotainment navigation.
---
### 5. Technical Precautions
```cpp
// Example: Implementation logic for a rotary encoder/switch in C++
if (switchState == LOW) {
executeFunction(); // Triggered when the RS component reaches the R0 position
}
```
* **Soldering:** These parts are often sensitive to heat; manual soldering should not exceed 350°C for more than 3 seconds.
* **Cleaning:** If the part is not "Sealed" (check the "R/C" suffix), avoid immersion cleaning as flux can enter the contact area.
- ⤷Who is the primary manufacturer of the 10RS series components?
- ⤷ What is the specific shaft length for the C01 variant?
- ⤷ Is this part available in Surface Mount (SMD) or Through-Hole (THT) configuration?