Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10S-R2W1

  • AI
    Based on the part number **10S-R2W1**, this typically refers to a **High-Voltage Rectifier Diode** (often associated with microwave ovens or industrial power supplies). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications This component is designed to handle high-voltage rectification, converting alternating current (AC) to direct current (DC) in high-power circuits. | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 10 kV (10,000 Volts) | | **Average Forward Current ($I_{F(AV)}$)** | 350 mA - 500 mA | | **Forward Voltage Drop ($V_F$)** | ~10V to 14V at rated current | | **Operating Temperature** | -40°C to +130°C | | **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (approx. 100-150ns) | --- ### 2. Key Features * **High Reliability:** Built to withstand the repetitive surges found in magnetron circuits. * **Molded Plastic Case:** Usually features a circular or rectangular resin-molded body to prevent arcing. * **Low Leakage Current:** Ensures minimal power loss when the diode is in the "blocking" state. * **Axial Leads:** Standard wire leads for through-hole PCB mounting or direct chassis connection. --- ### 3. Internal Construction High-voltage diodes like the 10S-R2W1 are not made of a single silicon junction. Because a single junction can only withstand a few hundred volts, these parts consist of **multiple diode chips stacked in series** inside a single package. ```mermaid graph LR A[Anode] --> D1[Diode 1] D1 --> D2[Diode 2] D2 --> D3[Diode 3...] D3 --> K[Cathode] ``` --- ### 4. Common Applications 1. **Microwave Ovens:** Used in the high-voltage section to provide DC power to the magnetron. 2. **X-Ray Power Supplies:** Used in voltage multiplier circuits. 3. **Electrostatic Air Cleaners:** To generate the high-voltage DC field required to ionize dust particles. 4. **Laser Power Supplies:** Used in gas laser ignition circuits. --- ### 5. Testing Note You cannot test a **10S-R2W1** with a standard digital multimeter (DMM) "Diode Test" mode. Because the internal forward voltage drop is over 10V, a standard multimeter (which usually outputs only 2V-3V) will show an "Open Circuit" (OL) in both directions even if the diode is functional. To test it, you must use a 12V-24V DC power source with a series resistor.
    ✨ Follow-up Questions
    • ⤷ How do I safely test a 10S-R2W1 diode using an external power supply?
    • ⤷ What are the common failure symptoms of this diode in a microwave?
    • ⤷ What are equivalent replacement parts for the 10S-R2W1?