10SP-150-R
AI

The **10SP-150-R** is a specific electronic component, typically categorized as a **PTC (Positive Temperature Coefficient) Thermistor** or a **Current Limiter**, often manufactured by companies like Ametherm. These devices are primarily used for inrush current protection in power supplies and motor circuits.
---
## 1. Technical Specifications
The model number provides specific insights into its electrical characteristics. Below are the typical parameters for this component:
| Parameter | Value |
| :--- | :--- |
| **Resistance at 25°C (R25)** | 10 $\Omega$ |
| **Max Steady State Current** | 3.0 Amperes |
| **Resistance @ Max Current** | ~0.180 $\Omega$ |
| **Diameter** | ~15 mm |
| **Material Type** | "S" (Standard Material) |
| **Tolerance** | ±20% (Commonly) |
---
## 2. Functional Description
The 10SP-150-R operates as an **Inrush Current Limiter (ICL)**. Its primary function is to protect sensitive components from the high surge of electricity that occurs when a device is first switched on.
### How it Works:
1. **Cold State:** When the device is off, the thermistor is at room temperature and maintains its nominal resistance (10 $\Omega$).
2. **Turn-On:** When power is applied, the 10 $\Omega$ resistance limits the initial surge of current.
3. **Self-Heating:** As current flows through it, the component heats up.
4. **Transition:** Because it is a NTC/PTC hybrid or specific current limiting material, its resistance drops significantly (down to ~0.18 $\Omega$) once it reaches operating temperature.
5. **Steady State:** This allows the circuit to operate with minimal power loss while the thermistor remains hot and low-resistance.
---
## 3. Common Applications
This part is frequently found in power electronics where large capacitors or inductive loads are present:
* **Switching Power Supplies (SMPS):** Prevents blowing fuses or tripping breakers during capacitor charging.
* **AC Motors:** Protects windings during the startup phase.
* **LED Drivers:** Manages the initial current spike of high-power LED arrays.
* **Transformers:** Limits the magnetizing inrush current.
---
## 4. Key Considerations for Use
* **Cool Down Time:** After the device is turned off, the 10SP-150-R requires time to cool down and return to its high-resistance state. If the device is toggled ON/OFF rapidly, the protection may be bypassed.
* **Mounting:** These components get very hot during normal operation. They should be mounted with sufficient lead length and away from heat-sensitive components like electrolytic capacitors.
- ⤷
What is the difference between an NTC and a PTC thermistor in current limiting?
- ⤷ How do I calculate the correct resistance value for an inrush current limiter?
- ⤷ Can the 10SP-150-R be used in series or parallel configurations?