10SP-246-R
AI

The **10SP-246-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Power Inductor** or a specialized passive component, often associated with manufacturers like *Gowanda Electronics* or similar magnetics suppliers.
Below is a detailed breakdown of its characteristics and technical aspects.
---
### 1. General Specifications
While specific datasheets can vary by manufacturer, parts in this series generally follow these parameters:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Power Inductor / Shielded SMT Inductor |
| **Inductance Range** | Varies (often indicated by the numerical suffix) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
| **Shielding** | Often Magnetically Shielded to reduce EMI |
### 2. Part Number Breakdown
The nomenclature of the part number usually follows this logic:
* **10SP**: Refers to the series type (Standard Power or specific physical footprint).
* **246**: This is the value code. In many magnetic components, this represents the inductance.
* *Calculation:* 24 followed by 6 zeros in picohenries, or a specific microhenry ($\mu H$) rating defined in the series table.
* **-R**: Indicates **RoHS Compliance** (Lead-free).
### 3. Key Electronic Functions
This component is primarily used for power management and signal integrity. Its roles include:
1. **Energy Storage:** Used in DC-DC converters to store energy in a magnetic field during the "on" cycle and release it during the "off" cycle.
2. **Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines (Choke function).
3. **Voltage Regulation:** Helping to maintain a steady voltage output in buck or boost switching regulators.
---
### 4. Typical Applications
The 10SP-246-R is commonly found in the following environments:
* **Telecommunications:** Base stations and networking hardware.
* **Industrial Controls:** Power supplies for PLC and automation sensors.
* **Consumer Electronics:** High-efficiency power modules for laptops or tablets.
* **Automotive:** (If qualified) for infotainment or dashboard power distribution.
### 5. Installation and Handling
Since this is an **SMT** component, it is designed for automated "pick and place" assembly.
```markdown
- Solder Profile: Requires Lead-Free Reflow soldering (peak temp ~260°C).
- Footprint: Ensure the PCB land pattern matches the physical dimensions to avoid tombstoning.
- Orientation: While inductors are generally non-polar, some shielded versions have a polarity mark for optimal EMI performance.
```
- ⤷
What is the exact inductance value in microhenries (uH) for the 246 code?
- ⤷ Are there equivalent alternatives from brands like Bourns or TDK?
- ⤷ What is the maximum current rating (IDC) for this specific series?