Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 10SP-266-R

  • AI
    The part number **10SP-266-R** typically refers to a high-performance **Ferrite Bead** or **EMI suppression component**, commonly manufactured by companies like *Fair-Rite* or specialized magnetic component suppliers. These parts are used to filter high-frequency noise in electronic circuits. --- ### 1. Technical Specifications The following table outlines the typical characteristics of the 10SP-266-R series: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Ferrite Bead / EMI Suppressor | | **Material** | Manganese Zinc (MnZn) or Nickel Zinc (NiZn) | | **Impedance** | Usually rated at 100MHz (approx. 200-600 $\Omega$) | | **DC Resistance (DCR)** | Low (typically < 0.5 $\Omega$) | | **Current Rating** | High Current (often 2A to 6A depending on size) | | **Package Type** | Through-hole or Surface Mount (SMD) | --- ### 2. Key Functions The 10SP-266-R serves three primary roles in a PCB design: 1. **EMI Suppression:** It acts as a low-pass filter, allowing Direct Current (DC) to pass while providing high impedance to high-frequency Electromagnetic Interference (EMI). 2. **Noise Decoupling:** It prevents noise generated by one part of a circuit (like a switching power supply) from affecting sensitive components (like an analog-to-digital converter). 3. **Signal Integrity:** It reduces "ringing" in high-speed digital lines by absorbing transient energy. --- ### 3. Application Areas These components are standard in power-sensitive and communication hardware: * **Power Supplies:** Filtering the output of Switch Mode Power Supplies (SMPS). * **Consumer Electronics:** Found in laptops, tablets, and gaming consoles to meet FCC/CE emission standards. * **Automotive:** Used in Infotainment systems and ECU power rails to prevent radio frequency interference. * **Industrial:** Protecting sensors from industrial motor noise. --- ### 4. Implementation Example In a circuit, the ferrite bead is placed in series with the VCC line. ```spice [Power Source] ---- [10SP-266-R] ---- [Decoupling Cap] ---- [Load/IC] | [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the 10SP-266-R?
    • ⤷ How does a ferrite bead differ from a standard inductor?
    • ⤷ What are the recommended soldering profiles for this component?