10SP-2B6-R
AI

The **10SP-2B6-R** is a specific electronic component within the category of **Slide Switches**. It is manufactured by **Dailywell Electronics**, a company known for producing high-quality switches for industrial and consumer electronics.
---
### 1. Technical Specifications
Below are the key electrical and physical characteristics of the 10SP-2B6-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Slide Switch |
| **Circuit Function** | SPDT (Single Pole Double Throw) |
| **Switch Function** | On-On |
| **Current Rating** | 5A @ 120VAC or 28VDC; 2A @ 250VAC |
| **Contact Resistance** | 10 mΩ max. (initial) |
| **Insulation Resistance** | 1,000 MΩ min. |
| **Dielectric Strength** | 1,000 Vrms at sea level |
| **Operating Temperature** | -30°C to +85°C |
| **Mounting Type** | Through-hole (PCB Mount) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the build:
* **10SP**: Refers to the series (Sub-miniature Slide Switches).
* **2**: Refers to the switching function (SPDT On-On).
* **B6**: Indicates the terminal type and bracket style (usually a Right-Angle or specific PCB terminal configuration).
* **R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Key Features & Construction
* **Materials:** Typically features silver-plated contacts and terminals for high conductivity. The housing is usually made of Diallyl Phthalate (DAP) or high-temperature nylon.
* **Compact Design:** The "sub-miniature" classification makes it ideal for devices where space is limited.
* **Durability:** Designed for a mechanical life of approximately 30,000 make-and-break cycles.
---
### 4. Common Applications
Due to its reliability and SPDT configuration, the 10SP-2B6-R is commonly found in:
* **Consumer Electronics:** Power toggles for hand-held devices.
* **Telecommunications:** Signal routing switches.
* **Instrumentation:** Mode selection in testing equipment.
* **Medical Devices:** Small-scale control interfaces.
---
### 5. Schematic Representation
The SPDT (Single Pole Double Throw) circuit can be visualized as follows:
```text
(Common)
|
[2] --o
/
[1] ----o o---- [3]
(Pos A) (Pos B)
```
- ⤷
What is the difference between SPDT and DPDT slide switches?
- ⤷ What are the footprint dimensions for the 10SP-2B6-R on a PCB?
- ⤷ Can this switch be used for high-frequency RF switching?